Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K100 Datasheet(PDF) 6 Page - Altera Corporation

Part # EPF10K100
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K100 Datasheet(HTML) 6 Page - Altera Corporation

Back Button EPF10K100 Datasheet HTML 2Page - Altera Corporation EPF10K100 Datasheet HTML 3Page - Altera Corporation EPF10K100 Datasheet HTML 4Page - Altera Corporation EPF10K100 Datasheet HTML 5Page - Altera Corporation EPF10K100 Datasheet HTML 6Page - Altera Corporation EPF10K100 Datasheet HTML 7Page - Altera Corporation EPF10K100 Datasheet HTML 8Page - Altera Corporation EPF10K100 Datasheet HTML 9Page - Altera Corporation EPF10K100 Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 128 page
background image
6
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
The FLEX 10K architecture is similar to that of embedded gate arrays, the
fastest-growing segment of the gate array market. As with standard gate
arrays, embedded gate arrays implement general logic in a conventional
“sea-of-gates” architecture. In addition, embedded gate arrays have
dedicated die areas for implementing large, specialized functions. By
embedding functions in silicon, embedded gate arrays provide reduced
die area and increased speed compared to standard gate arrays. However,
embedded megafunctions typically cannot be customized, limiting the
designer’s options. In contrast, FLEX 10K devices are programmable,
providing the designer with full control over embedded megafunctions
and general logic while facilitating iterative design changes during
debugging.
Each FLEX 10K device contains an embedded array and a logic array. The
embedded array is used to implement a variety of memory functions or
complex logic functions, such as digital signal processing (DSP),
microcontroller, wide-data-path manipulation, and data-transformation
functions. The logic array performs the same function as the sea-of-gates
in the gate array: it is used to implement general logic, such as counters,
adders, state machines, and multiplexers. The combination of embedded
and logic arrays provides the high performance and high density of
embedded gate arrays, enabling designers to implement an entire system
on a single device.
FLEX 10K devices are configured at system power-up with data stored in
an Altera serial configuration device or provided by a system controller.
Altera offers the EPC1, EPC2, EPC16, and EPC1441 configuration devices,
which configure FLEX 10K devices via a serial data stream. Configuration
data can also be downloaded from system RAM or from Altera’s
BitBlasterTM serial download cable or ByteBlasterMVTM parallel port
download cable. After a FLEX 10K device has been configured, it can be
reconfigured in-circuit by resetting the device and loading new data.
Because reconfiguration requires less than 320 ms, real-time changes can
be made during system operation.
FLEX 10K devices contain an optimized interface that permits
microprocessors to configure FLEX 10K devices serially or in parallel, and
synchronously or asynchronously. The interface also enables
microprocessors to treat a FLEX 10K device as memory and configure the
device by writing to a virtual memory location, making it very easy for the
designer to reconfigure the device.


Similar Part No. - EPF10K100

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K100 ALTERA-EPF10K100 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K100 ALTERA-EPF10K100 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100 ALTERA-EPF10K100 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100 ALTERA-EPF10K100 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100 ALTERA-EPF10K100 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K100

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com