Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC1S30 Datasheet(PDF) 9 Page - Altera Corporation

Part # HC1S30
Description  HardCopy Stratix Device Family
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC1S30 Datasheet(HTML) 9 Page - Altera Corporation

Back Button HC1S30 Datasheet HTML 5Page - Altera Corporation HC1S30 Datasheet HTML 6Page - Altera Corporation HC1S30 Datasheet HTML 7Page - Altera Corporation HC1S30 Datasheet HTML 8Page - Altera Corporation HC1S30 Datasheet HTML 9Page - Altera Corporation HC1S30 Datasheet HTML 10Page - Altera Corporation HC1S30 Datasheet HTML 11Page - Altera Corporation HC1S30 Datasheet HTML 12Page - Altera Corporation HC1S30 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
Altera Corporation
2–3
September 2008
Description, Architecture, and Features
Table 2–1 illustrates the differences between HardCopy Stratix and
Stratix devices.
Table 2–1. HardCopy Stratix and Stratix Device Comparison (Part 1 of 2)
HardCopy Stratix
Stratix
Customized device. All
reprogrammability support is removed
and no configuration is required.
Re-programmable with configuration is
required upon power-up.
Average of 50% performance
improvement over corresponding
FPGA (1).
High-performance FPGA.
Average of 40% less power
consumption compared to
corresponding FPGA (1).
Standard FPGA power consumption.
Contact Altera for information regarding
specific IP support.
IP support for all devices is available.
Double data rate (DDR) SDRAM
maximum operating frequency is
pending characterization.
DDR SDRAM can operate at 200 MHz
for -5 speed grade devices.
All routing connections are direct and
all unused routing is removed.
MultiTrack™ routing stitches together
routing resources to provide a path.
HC1S30 and HC1S40 devices have
two M-RAM blocks. HC1S80 devices
have six M-RAM blocks.
EP1S30 and EP1S40 devices have four
M-RAM blocks. EP1S80 devices have
nine M-RAM blocks.
It is not possible to initialize M512 and
M4K RAM contents during power-up.
The contents of M512 and M4K RAM
blocks can be preloaded during
configuration with data specified in a
memory initialization file (.mif).
The contents of memory output
registers are unknown after power-on
reset (POR).
The contents of memory output
registers are initialized to '0' after POR.
HC1S30 and HC1S40 devices have six
PLLs.
HC1S30 devices have 10 PLLs.
HC1S40 devices have 12 PLLs.
PLL dynamic reconfiguration uses
ROM for information. This
reconfiguration is performed in the
back-end and does not affect the
migration flow.
PLL dynamic reconfiguration uses a
MIF to initialize a RAM resource with
information.
The I/O elements (IOEs) are equivalent
but not identical to FPGA IOEs due to
slight design optimizations for
HardCopy devices.
The IOEs are optimized for the FPGA
architecture.


Similar Part No. - HC1S30

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC1S30 ALTERA-HC1S30 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
More results

Similar Description - HC1S30

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
HC20K400 ALTERA-HC20K400 Datasheet
260Kb / 36P
   HardCopy APEX Device Family
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
EP1S10 ALTERA-EP1S10 Datasheet
3Mb / 290P
   Stratix Device Family Data Sheet
EP3SL70F780C3N ALTERA-EP3SL70F780C3N Datasheet
201Kb / 16P
   Stratix III Device Family Overview
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
HC311 ALTERA-HC311 Datasheet
582Kb / 26P
   HardCopy III Device
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com