Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC1S80 Datasheet(PDF) 6 Page - Altera Corporation

Part # HC1S80
Description  HardCopy Stratix Device Family
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC1S80 Datasheet(HTML) 6 Page - Altera Corporation

Back Button HC1S80 Datasheet HTML 2Page - Altera Corporation HC1S80 Datasheet HTML 3Page - Altera Corporation HC1S80 Datasheet HTML 4Page - Altera Corporation HC1S80 Datasheet HTML 5Page - Altera Corporation HC1S80 Datasheet HTML 6Page - Altera Corporation HC1S80 Datasheet HTML 7Page - Altera Corporation HC1S80 Datasheet HTML 8Page - Altera Corporation HC1S80 Datasheet HTML 9Page - Altera Corporation HC1S80 Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
1–4
Altera Corporation
Preliminary
September 2008
HardCopy Series Handbook, Volume 1
Document
Revision History
Table 1–4 shows the revision history for this chapter.
Table 1–3. HardCopy Stratix Device Package Sizes
Device
672-Pin
FineLine BGA
780-Pin
FineLine BGA
1,020-Pin
FineLine BGA
Pitch (mm)
1.00
1.00
1.00
Area (mm2)
729
841
1,089
Length × width
(mm × mm)
27 × 27
29 × 29
33 × 33
Table 1–4. Document Revision History
Date and Document
Version
Changes Made
Summary of Changes
September 2008
v2.4
Revised chapter number and metadata.
June 2007 v2.3
Updated Introduction section.
Updated Table 1–2.
December 2006
v2.2
Updated revision history.
March 2006
Formerly chapter 5; no content change.
October 2005 v2.1
Minor edits
January 2005 v2.0
Minor edits
June 2003 v1.0
Initial release of Chapter 5, Introduction to HardCopy Stratix
Devices, in the HardCopy Device Handbook.


Similar Part No. - HC1S80

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC1S80 ALTERA-HC1S80 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
More results

Similar Description - HC1S80

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
HC20K400 ALTERA-HC20K400 Datasheet
260Kb / 36P
   HardCopy APEX Device Family
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
EP1S10 ALTERA-EP1S10 Datasheet
3Mb / 290P
   Stratix Device Family Data Sheet
EP3SL70F780C3N ALTERA-EP3SL70F780C3N Datasheet
201Kb / 16P
   Stratix III Device Family Overview
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
HC311 ALTERA-HC311 Datasheet
582Kb / 26P
   HardCopy III Device
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com