Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC20K400 Datasheet(PDF) 9 Page - Altera Corporation

Part # HC20K400
Description  HardCopy APEX Device Family
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC20K400 Datasheet(HTML) 9 Page - Altera Corporation

Back Button HC20K400 Datasheet HTML 5Page - Altera Corporation HC20K400 Datasheet HTML 6Page - Altera Corporation HC20K400 Datasheet HTML 7Page - Altera Corporation HC20K400 Datasheet HTML 8Page - Altera Corporation HC20K400 Datasheet HTML 9Page - Altera Corporation HC20K400 Datasheet HTML 10Page - Altera Corporation HC20K400 Datasheet HTML 11Page - Altera Corporation HC20K400 Datasheet HTML 12Page - Altera Corporation HC20K400 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Altera Corporation
8–1
September 2008
8. Description, Architecture,
and Features
Introduction
HardCopy® APEXTM devices extend the flexibility of high-density FPGAs
to a cost-effective, high-volume production solution. The migration
process from an Altera® FPGA to a HardCopy APEX device offers
seamless migration of a high-density system-on-a-programmable-chip
(SOPC) design to a low-cost alternative device with minimal risk. Using
HardCopy APEX devices, Altera’s SOPC solutions can be leveraged from
prototype to production, while reducing costs and speeding
time-to-market.
A significant benefit of HardCopy devices is that customers do not need
to be involved in the device migration process. Unlike
application-specific integrated circuit (ASIC) development, the
HardCopy design flow does not require generation of test benches, test
vectors, or timing and functional simulation. The HardCopy migration
process only requires the Quartus® II software-generated output files
from a fully functional APEX 20KE or APEX 20KC device. Altera
performs the migration and delivers functional prototypes in as few as
seven weeks.
A risk-free alternative to ASICs, HardCopy APEX devices are
customizable, full-featured devices created by Altera’s proprietary
design migration methodology. They are based on Altera’s
industry-leading high-density device architecture and use an
area-efficient sea-of-logic-elements (SOLE) core.
HardCopy APEX devices retain all the same features as the APEX 20KE
and APEX 20KC devices, which combine the strength of LUT-based and
product-term-based devices in conjunction with the same embedded
memory structures. All routing resources that were programmable in the
APEX 20K device family are replaced by custom interconnect, resulting in
a considerable die size reduction and subsequent cost saving.
The SRAM configuration cells of the original FPGA are replaced in
HardCopy APEX devices by metal elements, which define the function of
each logic element (LE), embedded memory, and I/O cell in the device.
These resources are connected to each other using the same metallization
layers. Once a HardCopy APEX device has been manufactured, the
functionality of the device is fixed and no programming is possible.
Altera performs the migration of the original FPGA design to an
equivalent HardCopy APEX device using a proprietary design migration
flow.
H51007-2.3


Similar Part No. - HC20K400

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC20K400 ALTERA-HC20K400 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
More results

Similar Description - HC20K400

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
HC1S25 ALTERA-HC1S25 Datasheet
1Mb / 110P
   HardCopy Stratix Device Family
HC311 ALTERA-HC311 Datasheet
582Kb / 26P
   HardCopy III Device
HC4GX15 ALTERA-HC4GX15 Datasheet
13Mb / 668P
   HardCopy IV Device Handbook
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com