Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC322 Datasheet(PDF) 3 Page - Altera Corporation

Part # HC322
Description  HardCopy III Device
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC322 Datasheet(HTML) 3 Page - Altera Corporation

  HC322 Datasheet HTML 1Page - Altera Corporation HC322 Datasheet HTML 2Page - Altera Corporation HC322 Datasheet HTML 3Page - Altera Corporation HC322 Datasheet HTML 4Page - Altera Corporation HC322 Datasheet HTML 5Page - Altera Corporation HC322 Datasheet HTML 6Page - Altera Corporation HC322 Datasheet HTML 7Page - Altera Corporation HC322 Datasheet HTML 8Page - Altera Corporation HC322 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© December 2008
Altera Corporation
HardCopy III Device Handbook, Volume 3
1. DC and Switching Characteristics of
HardCopy III Devices
Electrical Characteristics
This chapter provides information about the absolute maximum ratings,
recommended operating conditions, DC electrical characteristics, and other
specifications for HardCopy® III devices. HardCopy III devices are offered in both
commercial and industrial grades.
Operating Conditions
When HardCopy III devices are implemented in a system, they are rated according to
a set of defined parameters. To maintain the highest possible performance and
reliability, you must consider the operating requirements described in this chapter.
HardCopy III devices are not speed binned like Stratix® III devices because
HardCopy III devices are designed and built to function at a target frequency based
on timing constraints, and operate at either commercial or industrial temperatures.
Absolute Maximum Ratings
Absolute maximum ratings define the maximum operating conditions for
HardCopy III devices. The values are based on experiments conducted with the
device and theoretical modeling of breakdown and damage mechanisms. The
functional operation of the device is not implied by these conditions. Conditions
beyond those listed in Table 1–1 can cause permanent damage to the device.
Additionally, device operation at the absolute maximum ratings for extended periods
of time can have adverse effects on the device.
Table 1–1. HardCopy III Device Absolute Maximum Ratings – Preliminary (Part 1 of 2) (Note 1)
Symbol
Parameter
Minimum
Maximum
Unit
V
CCL
Core voltage power supply
–0.5
1.35
V
V
CC
I/O registers power supply
–0.5
1.35
V
V
CCD_PLL
PLL digital power supply
–0.5
1.35
V
V
CCA_PLL
PLL analog power supply
–0.5
3.75
V
V
CCPT (2)
Power supply for the temperature sensing
diode
–0.5
3.75
V
V
CCPGM
Configuration pins power supply
–0.5
3.9
V
V
CCPD
I/O pre-driver power supply
–0.5
3.9
V
V
CCIO
I/O power supply
–0.5
3.9
V
V
CC_CLKIN
Differential clock input power supply (top and
bottom I/O banks only)
–0.5
3.75
V
V
CCBAT (3)
Battery back-up power supply for design
security volatile key register
——
V
V
I
DC input voltage
–0.5
4.0
V
T
J
Operating junction temperature
–55
125
°C
I
OUT
DC output current, per pin
–25
40
mA
HIII53001-2.0


Similar Part No. - HC322

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC3225 AURIS-HC3225 Datasheet
74Kb / 1P
   Quartz SMD, Ceramic
HC3225 AURIS-HC3225 Datasheet
487Kb / 1P
   Quartz SMD, Ceramic
HC3225/4 AURIS-HC3225/4 Datasheet
487Kb / 1P
   Quartz SMD, Ceramic
HC3225 AURIS-HC3225_1 Datasheet
487Kb / 1P
   Quartz SMD, Ceramic
More results

Similar Description - HC322

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
HC1S25 ALTERA-HC1S25 Datasheet
1Mb / 110P
   HardCopy Stratix Device Family
HC20K400 ALTERA-HC20K400 Datasheet
260Kb / 36P
   HardCopy APEX Device Family
HC4GX15 ALTERA-HC4GX15 Datasheet
13Mb / 668P
   HardCopy IV Device Handbook
EP3C5M164I7N ALTERA-EP3C5M164I7N Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3SE110F1152I3N ALTERA-EP3SE110F1152I3N Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3C120F484C7 ALTERA-EP3C120F484C7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3SL110F1152C2N ALTERA-EP3SL110F1152C2N Datasheet
3Mb / 341P
   Stratix III Device Handbook,
EP3C16F484I7 ALTERA-EP3C16F484I7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3SE260F1152I4N ALTERA-EP3SE260F1152I4N Datasheet
3Mb / 341P
   Stratix III Device Handbook,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com