Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S180 Datasheet(PDF) 6 Page - Altera Corporation

Part # EP2S180
Description  Stratix II Device Family
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S180 Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP2S180 Datasheet HTML 2Page - Altera Corporation EP2S180 Datasheet HTML 3Page - Altera Corporation EP2S180 Datasheet HTML 4Page - Altera Corporation EP2S180 Datasheet HTML 5Page - Altera Corporation EP2S180 Datasheet HTML 6Page - Altera Corporation EP2S180 Datasheet HTML 7Page - Altera Corporation EP2S180 Datasheet HTML 8Page - Altera Corporation EP2S180 Datasheet HTML 9Page - Altera Corporation EP2S180 Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 238 page
background image
1–4
Altera Corporation
Stratix II Device Handbook, Volume 1
May 2007
Features
After compilation, check the information messages for a full list of I/O,
DQ, LVDS, and other pins that are not available because of the selected
migration path.
Table 1–4 lists the Stratix II device package offerings and shows the total
number of non-migratable user I/O pins when migrating from one
density device to a larger density device. Additional I/O pins may not be
migratable if migrating from the larger device to the smaller density
device.
1
When moving from one density to a larger density, the larger
density device may have fewer user I/O pins. The larger device
requires more power and ground pins to support the additional
logic within the device. Use the Quartus II Pin Planner to
determine which user I/O pins are migratable between the two
devices.
1
To determine if your user I/O assignments are correct, run the
I/O Assignment Analysis command in the Quartus II software
(Processing > Start > Start I/O Assignment Analysis).
f
Refer to the I/O Management chapter in volume 2 of the Quartus II
Handbook for more information on pin migration.
Table 1–4. Total Number of Non-Migratable I/O Pins for Stratix II Vertical Migration Paths
Vertical Migration
Path
484-Pin
FineLine BGA
672-Pin
FineLine BGA
780-Pin
FineLine BGA
1020-Pin
FineLine BGA
1508-Pin
FineLine BGA
EP2S15 to EP2S30
0 (1)
0
EP2S15 to EP2S60
8 (1)
0
EP2S30 to EP2S60
8 (1)
8
EP2S60 to EP2S90
0
EP2S60 to EP2S130
0
EP2S60 to EP2S180
0
EP2S90 to EP2S130
0 (1)
16
17
EP2S90 to EP2S180
16
0
EP2S130 to EP2S180
0
0
Note to Table 1–4:
(1)
Some of the DQ/DQS pins are not migratable. Refer to the Quartus II software information messages for more
detailed information.


Similar Part No. - EP2S180

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S180 ALTERA-EP2S180 Datasheet
547Kb / 58P
   DSP Development Board
EP2S180 ALTERA-EP2S180 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2S180 ALTERA-EP2S180 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2S180 ALTERA-EP2S180 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP2S180 ALTERA-EP2S180 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results

Similar Description - EP2S180

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
HC1S25 ALTERA-HC1S25 Datasheet
1Mb / 110P
   HardCopy Stratix Device Family
EP2SGX30C ALTERA-EP2SGX30C Datasheet
3Mb / 314P
   Stratix II GX Device
EP1S10 ALTERA-EP1S10 Datasheet
3Mb / 290P
   Stratix Device Family Data Sheet
EP3SL70F780C3N ALTERA-EP3SL70F780C3N Datasheet
201Kb / 16P
   Stratix III Device Family Overview
logo
List of Unclassifed Man...
EP2S130F1020I4 ETC2-EP2S130F1020I4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com