Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C12T400C8ES Datasheet(PDF) 7 Page - Altera Corporation

Part # EP1C12T400C8ES
Description  Cyclone FPGA Family
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12T400C8ES Datasheet(HTML) 7 Page - Altera Corporation

Back Button EP1C12T400C8ES Datasheet HTML 3Page - Altera Corporation EP1C12T400C8ES Datasheet HTML 4Page - Altera Corporation EP1C12T400C8ES Datasheet HTML 5Page - Altera Corporation EP1C12T400C8ES Datasheet HTML 6Page - Altera Corporation EP1C12T400C8ES Datasheet HTML 7Page - Altera Corporation EP1C12T400C8ES Datasheet HTML 8Page - Altera Corporation EP1C12T400C8ES Datasheet HTML 9Page - Altera Corporation EP1C12T400C8ES Datasheet HTML 10Page - Altera Corporation EP1C12T400C8ES Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
Altera Corporation
2–1
May 2008
Preliminary
2. Cyclone Architecture
Functional
Description
Cyclone® devices contain a two-dimensional row- and column-based
architecture to implement custom logic. Column and row interconnects
of varying speeds provide signal interconnects between LABs and
embedded memory blocks.
The logic array consists of LABs, with 10 LEs in each LAB. An LE is a
small unit of logic providing efficient implementation of user logic
functions. LABs are grouped into rows and columns across the device.
Cyclone devices range between 2,910 to 20,060 LEs.
M4K RAM blocks are true dual-port memory blocks with 4K bits of
memory plus parity (4,608 bits). These blocks provide dedicated true
dual-port, simple dual-port, or single-port memory up to 36-bits wide at
up to 250 MHz. These blocks are grouped into columns across the device
in between certain LABs. Cyclone devices offer between 60 to 288 Kbits of
embedded RAM.
Each Cyclone device I/O pin is fed by an I/O element (IOE) located at the
ends of LAB rows and columns around the periphery of the device. I/O
pins support various single-ended and differential I/O standards, such as
the 66- and 33-MHz, 64- and 32-bit PCI standard and the LVDS I/O
standard at up to 640 Mbps. Each IOE contains a bidirectional I/O buffer
and three registers for registering input, output, and output-enable
signals. Dual-purpose DQS, DQ, and DM pins along with delay chains
(used to phase-align DDR signals) provide interface support with
external memory devices such as DDR SDRAM, and FCRAM devices at
up to 133 MHz (266 Mbps).
Cyclone devices provide a global clock network and up to two PLLs. The
global clock network consists of eight global clock lines that drive
throughout the entire device. The global clock network can provide
clocks for all resources within the device, such as IOEs, LEs, and memory
blocks. The global clock lines can also be used for control signals. Cyclone
PLLs provide general-purpose clocking with clock multiplication and
phase shifting as well as external outputs for high-speed differential I/O
support.
Figure 2–1 shows a diagram of the Cyclone EP1C12 device.
C51002-1.6


Similar Part No. - EP1C12T400C8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12T400C8ES ALTERA-EP1C12T400C8ES Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP1C12T400C8ES ALTERA-EP1C12T400C8ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP1C12T400C8ES ALTERA-EP1C12T400C8ES Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C12T400C8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com