Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2SGX30D Datasheet(PDF) 9 Page - Altera Corporation

Part # EP2SGX30D
Description  Stratix II GX Device
Download  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2SGX30D Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP2SGX30D Datasheet HTML 5Page - Altera Corporation EP2SGX30D Datasheet HTML 6Page - Altera Corporation EP2SGX30D Datasheet HTML 7Page - Altera Corporation EP2SGX30D Datasheet HTML 8Page - Altera Corporation EP2SGX30D Datasheet HTML 9Page - Altera Corporation EP2SGX30D Datasheet HTML 10Page - Altera Corporation EP2SGX30D Datasheet HTML 11Page - Altera Corporation EP2SGX30D Datasheet HTML 12Page - Altera Corporation EP2SGX30D Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 314 page
background image
Altera Corporation
2–1
October 2007
2. Stratix II GX Architecture
Transceivers
Stratix® II GX devices incorporate dedicated embedded circuitry on the
right side of the device, which contains up to 20 high-speed 6.375-Gbps
serial transceiver channels. Each Stratix II GX transceiver block contains
four full-duplex channels and supporting logic to transmit and receive
high-speed serial data streams. The transceivers deliver bidirectional
point-to-point data transmissions, with up to 51 Gbps (6.375 Gbps per
channel) of full-duplex data transmission per transceiver block.
Figure 2–1 shows the function blocks that make up a transceiver channel
within the Stratix II GX device.
Figure 2–1. Stratix II GX Transceiver Block Diagram
Notes to Figure 2–1:
(1)
n represents the number of bits in each word that need to be serialized by the transmitter portion of the PMA or have
been deserialized by the receiver portion of the PMA. n = 8, 10, 16, or 20.
(2)
m represents the number of bits in the word that pass between the FPGA logic and the PCS portion of the transceiver.
m = 8, 10, 16, 20, 32, or 40.
Transceivers within each block are independent and have their own set of
dividers. Therefore, each transceiver can operate at different frequencies.
Each block can select from two reference clocks to provide two clock
domains that each transceiver can select from.
Deserializer
Serializer
Word
Aligner
8B/10B
Decoder
XAUI
Lane
Deskew
Byte
Deserializer
8B/10B
Encoder
Phase
Compensation
FIFO Buffer
Reference
Clock
Reference
Clock
Byte
Serializer
Phase
Compensation
FIFO Buffer
Rate
Matcher
PCS Digital Section
FPGA Fabric
PMA Analog Section
Byte
Ordering
Receiver
PLL
Transmitter
PLL
Clock
Recovery
Unit
m
n
n
m
(1)
(2)
(2)
(1)
SIIGX51003-2.2


Similar Part No. - EP2SGX30D

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30D ALTERA-EP2SGX30D Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2SGX30D ALTERA-EP2SGX30D Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP2SGX30D ALTERA-EP2SGX30D Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP2SGX30D ALTERA-EP2SGX30D Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX30D ALTERA-EP2SGX30D Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
More results

Similar Description - EP2SGX30D

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2SGX60EF1152I4 ALTERA-EP2SGX60EF1152I4 Datasheet
13Mb / 1486P
   Stratix II GX Device Handbook, Volume 1
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
logo
List of Unclassifed Man...
AN209 ETC-AN209 Datasheet
151Kb / 14P
   Using Terminator Technology in Stratix & Stratix GX Devices
EP2S130F1020I4 ETC2-EP2S130F1020I4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com