Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM2210F100C Datasheet(PDF) 6 Page - Altera Corporation

Part # EPM2210F100C
Description  MAX II Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM2210F100C Datasheet(HTML) 6 Page - Altera Corporation

Back Button EPM2210F100C Datasheet HTML 2Page - Altera Corporation EPM2210F100C Datasheet HTML 3Page - Altera Corporation EPM2210F100C Datasheet HTML 4Page - Altera Corporation EPM2210F100C Datasheet HTML 5Page - Altera Corporation EPM2210F100C Datasheet HTML 6Page - Altera Corporation EPM2210F100C Datasheet HTML 7Page - Altera Corporation EPM2210F100C Datasheet HTML 8Page - Altera Corporation EPM2210F100C Datasheet HTML 9Page - Altera Corporation EPM2210F100C Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
1–4
Chapter 1: Introduction
Referenced Documents
MAX II Device Handbook
© October 2008
Altera Corporation
MAX II devices have an internal linear voltage regulator which supports external
supply voltages of 3.3 V or 2.5 V, regulating the supply down to the internal operating
voltage of 1.8 V. MAX IIG and MAX IIZ devices only accept 1.8 V as the external
supply voltage. MAX IIZ devices are pin-compatible with MAX IIG devices in the
100-pin Micro FineLine BGA and 256-pin Micro FineLine BGA packages. Except for
external supply voltage requirements, MAX II and MAX II G devices have identical
pin-outs and timing specifications. Table 1–5 shows the external supply voltages
supported by the MAX II family.
Referenced Documents
This chapter references the following documents:
DC and Switching Characteristics chapter in the MAX II Device Handbook
MAX II Logic Element to Macrocell Conversion Methodology white paper
Document Revision History
Table 1–6 shows the revision history for this chapter.
Table 1–5. MAX II External Supply Voltages
Devices
EPM240
EPM570
EPM1270
EPM2210
EPM240G
EPM570G
EPM1270G
EPM2210G
EPM240Z
EPM570Z (1)
MultiVolt core external supply voltage (V
CCINT) (2)
3.3 V, 2.5 V
1.8 V
MultiVolt I/O interface voltage levels (V
CCIO)
1.5 V, 1.8 V, 2.5 V, 3.3 V
1.5 V, 1.8 V, 2.5 V, 3.3 V
Notes to Table 1–5:
(1) MAX IIG and MAX IIZ devices only accept 1.8 V on their VCCINT pins. The 1.8-V VCCINT external supply powers the device core directly.
(2) MAX II devices operate internally at 1.8 V.
Table 1–6. Document Revision History
Date and Revision
Changes Made
Summary of Changes
October 2008,
version 1.8
Updated “Introduction” section.
Updated new Document Format.
December 2007,
version1.7
Updated Table 1–1 through Table 1–5.
Added “Referenced Documents” section.
Updated document with MAX IIZ information.
December 2006,
version 1.6
Added document revision history.
August 2006,
version 1.5
Minor update to features list.
July 2006,
version 1.4
Minor updates to tables.


Similar Part No. - EPM2210F100C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM2210F100C3ES ALTERA-EPM2210F100C3ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210F100C3N ALTERA-EPM2210F100C3N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210F100C4ES ALTERA-EPM2210F100C4ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210F100C4N ALTERA-EPM2210F100C4N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210F100C5ES ALTERA-EPM2210F100C5ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
More results

Similar Description - EPM2210F100C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
CYC2_CII5V1 ALTERA-CYC2_CII5V1_01 Datasheet
2Mb / 168P
   Cyclone II Device Family
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com