Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM2210F100C Datasheet(PDF) 4 Page - Altera Corporation

Part # EPM2210F100C
Description  MAX II Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM2210F100C Datasheet(HTML) 4 Page - Altera Corporation

  EPM2210F100C Datasheet HTML 1Page - Altera Corporation EPM2210F100C Datasheet HTML 2Page - Altera Corporation EPM2210F100C Datasheet HTML 3Page - Altera Corporation EPM2210F100C Datasheet HTML 4Page - Altera Corporation EPM2210F100C Datasheet HTML 5Page - Altera Corporation EPM2210F100C Datasheet HTML 6Page - Altera Corporation EPM2210F100C Datasheet HTML 7Page - Altera Corporation EPM2210F100C Datasheet HTML 8Page - Altera Corporation EPM2210F100C Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
1–2
Chapter 1: Introduction
Features
MAX II Device Handbook
© October 2008
Altera Corporation
Table 1–1 shows the MAX II family features.
f For more information about equivalent macrocells, refer to the MAX II Logic Element to
Macrocell Conversion Methodology white paper.
MAX II and MAX IIG devices are available in three speed grades: –3, –4, and –5, with
–3 being the fastest. Similarly, MAX IIZ devices are available in two speed grades: –6,
–7, with –6 being faster. These speed grades represent the overall relative
performance, not any specific timing parameter. For propagation delay timing
numbers within each speed grade and density, refer to the DC and Switching
Characteristics chapter in the MAX II Device Handbook.
Table 1–2 shows MAX II device speed-grade offerings.
Table 1–1. MAX II Family Features
Feature
EPM240
EPM240G
EPM570
EPM570G
EPM1270
EPM1270G
EPM2210
EPM2210G
EPM240Z
EPM570Z
LEs
240
570
1,270
2,210
240
570
Typical Equivalent Macrocells
192
440
980
1,700
192
440
Equivalent Macrocell Range
128 to 240
240 to 570
570 to 1,270
1,270 to 2,210
128 to 240
240 to 570
UFM Size (bits)
8,192
8,192
8,192
8,192
8,192
8,192
Maximum User I/O pins
80
160
212
272
80
160
t
PD1 (ns) (1)
4.7
5.4
6.2
7.0
7.5
9.0
f
CNT (MHz) (2)
304
304
304
304
152
152
t
SU (ns)
1.7
1.2
1.2
1.2
2.3
2.2
t
CO (ns)
4.3
4.5
4.6
4.6
6.5
6.7
Notes to Table 1–1:
(1) tPD1 represents a pin-to-pin delay for the worst case I/O placement with a full diagonal path across the device and combinational logic
implemented in a single LUT and LAB that is adjacent to the output pin.
(2) The maximum frequency is limited by the I/O standard on the clock input pin. The 16-bit counter critical delay will run faster than this number.
Table 1–2. MAX II Speed Grades
Device
Speed Grade
–3
–4
–5
–6
–7
EPM240
EPM240G
vvv
——
EPM570
EPM570G
vvv
——
EPM1270
EPM1270G
vvv
——
EPM2210
EPM2210G
vvv
——
EPM240Z
vv
EPM570Z
vv


Similar Part No. - EPM2210F100C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM2210F100C3ES ALTERA-EPM2210F100C3ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210F100C3N ALTERA-EPM2210F100C3N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210F100C4ES ALTERA-EPM2210F100C4ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210F100C4N ALTERA-EPM2210F100C4N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM2210F100C5ES ALTERA-EPM2210F100C5ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
More results

Similar Description - EPM2210F100C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
CYC2_CII5V1 ALTERA-CYC2_CII5V1_01 Datasheet
2Mb / 168P
   Cyclone II Device Family
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com