Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS844D1 Datasheet(PDF) 2 Page - High Voltage Power Solutions, Inc.

Part # CS844D1
Description  MOV Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS844D1 Datasheet(HTML) 2 Page - High Voltage Power Solutions, Inc.

  CS844D1 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS844D1 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL DIMENSIONS
A Package
B Package
C Package
D Package
E Package
Dimensions in Inches.
Standard line wires are 12” 18 AWG white wires.
Standard ground wire is 12” 18 AWG green wire.
MOV Modules
CS800-Series


Similar Part No. - CS844D1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8441 CHERRY-CS8441 Datasheet
149Kb / 4P
   85mA Dual H-Bridge Odometer Driver with Divide by Select
logo
ON Semiconductor
CS8441 ONSEMI-CS8441 Datasheet
58Kb / 8P
   Stepper Motor Driver with Divide by Select
February, 2001 ??Rev. 3
logo
Cherry Semiconductor Co...
CS8441XN8 CHERRY-CS8441XN8 Datasheet
149Kb / 4P
   85mA Dual H-Bridge Odometer Driver with Divide by Select
logo
ON Semiconductor
CS8441YN8 ONSEMI-CS8441YN8 Datasheet
58Kb / 8P
   Stepper Motor Driver with Divide by Select
February, 2001 ??Rev. 3
logo
Cherry Semiconductor Co...
CS8442 CHERRY-CS8442 Datasheet
132Kb / 4P
   85mA Dual H-Bridge Odometer Driver with Buffered Speed Signal Output
More results

Similar Description - CS844D1

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
HuaXinAn Electronics CO...
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
   Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
   Metal Oxide Varistors (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
14D471KT UNSEMI-14D471KT Datasheet
540Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
logo
NTE Electronics
NTE1V010 NTE-NTE1V010_13 Datasheet
67Kb / 3P
   Metal Oxide Varistors (MOV)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com