Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1145-3SDESW Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # P1145-3SDESW
Description  P113SD Series 2.5 V CMOS Clock Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

P1145-3SDESW Datasheet(HTML) 2 Page - Pletronics, Inc.

  P1145-3SDESW Datasheet HTML 1Page - Pletronics, Inc. P1145-3SDESW Datasheet HTML 2Page - Pletronics, Inc. P1145-3SDESW Datasheet HTML 3Page - Pletronics, Inc. P1145-3SDESW Datasheet HTML 4Page - Pletronics, Inc. P1145-3SDESW Datasheet HTML 5Page - Pletronics, Inc. P1145-3SDESW Datasheet HTML 6Page - Pletronics, Inc. P1145-3SDESW Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P113SD Series 2.5 V
CMOS Clock Oscillators
July 2007
www.pletronics.com
425-776-1880
2
Part Number:
P11 45
-3SD
ES
W
-85.0M
-30
-XX
Marking
Internal code or blank
Output Load Capacitance
Blank = 15pF maximum
30 = 30pF maximum - <100 MHz only
none
Frequency in MHz
fff.fff M
Supply Voltage V
CC
W = 2.5V +
_ 10%
W, B, C or D
Enhanced Specifications
(apply in the order shown)
E = Temperature range -40 to 85
oC
S = Symmetry 45%/55% at 50% of V
CC
E
S
Series Model
Frequency Stability
45 = +
_ 50 ppm
44 = +
_ 25 ppm
20 = +
_ 20 ppm
5
4
2
Series Model
P3S
Part Marking:
PLE
Where:
x
= Frequency stability
P3Sxsss
sss
= Enhanced specification and voltage
fff.fff M
fff.fff
= Frequency in MHz
yywwaLF
yywwa
= Date code
LF
= Lead Free
Pletronics may ship the following combinations without notice (this is an enhanced specified device)
44 (25 ppm) stability parts when 45 (50 ppm) was ordered
20 (20 ppm) stability parts when 45 (50 ppm) or 44 (25 ppm) was ordered.
E temperature range parts when extended was not ordered.
S symmetry parts when 40/60% symmetry was ordered.
Pletronics may ship parts that are not marked for extended temperature range but were tested for
extended temperature range, a Certificate of Conformance will accompany these parts.


Similar Part No. - P1145-3SDESW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
P1145-3SDES PLETRONICS-P1145-3SDES Datasheet
78Kb / 7P
   P113SD Series 5.0 V CMOS Clock Oscillators
P1145-3SDESV PLETRONICS-P1145-3SDESV Datasheet
81Kb / 7P
   P113SD Series 3.3 V CMOS Clock Oscillators
P1145-3SDESX PLETRONICS-P1145-3SDESX Datasheet
78Kb / 7P
   P113SD Series 1.8 V CMOS Clock Oscillators
More results

Similar Description - P1145-3SDESW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
P1145-3SDES PLETRONICS-P1145-3SDES Datasheet
78Kb / 7P
   P113SD Series 5.0 V CMOS Clock Oscillators
P1145-3SDESV PLETRONICS-P1145-3SDESV Datasheet
81Kb / 7P
   P113SD Series 3.3 V CMOS Clock Oscillators
P1145-3SDESX PLETRONICS-P1145-3SDESX Datasheet
78Kb / 7P
   P113SD Series 1.8 V CMOS Clock Oscillators
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com