Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1145-3SDESW Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # P1145-3SDESW
Description  P113SD Series 2.5 V CMOS Clock Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

P1145-3SDESW Datasheet(HTML) 1 Page - Pletronics, Inc.

  P1145-3SDESW Datasheet HTML 1Page - Pletronics, Inc. P1145-3SDESW Datasheet HTML 2Page - Pletronics, Inc. P1145-3SDESW Datasheet HTML 3Page - Pletronics, Inc. P1145-3SDESW Datasheet HTML 4Page - Pletronics, Inc. P1145-3SDESW Datasheet HTML 5Page - Pletronics, Inc. P1145-3SDESW Datasheet HTML 6Page - Pletronics, Inc. P1145-3SDESW Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product informatin is current as of publication date. The product conforms
Copyright © 2005, 2006, 2007, Pletronics
Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necesarily include testing of all parameters.
P113SD Series 2.5 V
CMOS Clock Oscillators
July 2007
• Pletronics’ P113SD Series is a quartz crystal
controlled precision square wave generator
with a CMOS output.
• The P113SD series will directly interface TTL
devices also.
• Greatly reduces RFI and EMI system sensitivity
• Minimizes RFI radiation, eases meeting FCC
Class B emissions standards.
• Capable of driving up to 30pF capacitive loads
• Tube packaging is available.
• 70 to 135 MHz
• Full Size Thru-Hole DIP package
• Enable/Disable Function
• Disable function includes low standby power
mode
•3
rd Overtone Crystals used
• Improved circuit to minimize oscillator issues
such as multi-mode output signal.
• Low Jitter
• Has internal bypass capacitor on the Vcc lead
• 5x7 mm LCC ceramic oscillator inside
Pletronics Inc. certifies this device is in accordance with the
RoHS (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 4.0 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e1 or e2
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +7.0V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo
Output Voltage
-0.5V to V
CC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155
oC
The thermal resistance junction to board is 120
oC/Watt depending on the solder pads, ground plane and
construction of the PCB.


Similar Part No. - P1145-3SDESW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
P1145-3SDES PLETRONICS-P1145-3SDES Datasheet
78Kb / 7P
   P113SD Series 5.0 V CMOS Clock Oscillators
P1145-3SDESV PLETRONICS-P1145-3SDESV Datasheet
81Kb / 7P
   P113SD Series 3.3 V CMOS Clock Oscillators
P1145-3SDESX PLETRONICS-P1145-3SDESX Datasheet
78Kb / 7P
   P113SD Series 1.8 V CMOS Clock Oscillators
More results

Similar Description - P1145-3SDESW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
P1145-3SDES PLETRONICS-P1145-3SDES Datasheet
78Kb / 7P
   P113SD Series 5.0 V CMOS Clock Oscillators
P1145-3SDESV PLETRONICS-P1145-3SDESV Datasheet
81Kb / 7P
   P113SD Series 3.3 V CMOS Clock Oscillators
P1145-3SDESX PLETRONICS-P1145-3SDESX Datasheet
78Kb / 7P
   P113SD Series 1.8 V CMOS Clock Oscillators
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com