Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1145-3SDES Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # P1145-3SDES
Description  P113SD Series 5.0 V CMOS Clock Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

P1145-3SDES Datasheet(HTML) 6 Page - Pletronics, Inc.

  P1145-3SDES Datasheet HTML 1Page - Pletronics, Inc. P1145-3SDES Datasheet HTML 2Page - Pletronics, Inc. P1145-3SDES Datasheet HTML 3Page - Pletronics, Inc. P1145-3SDES Datasheet HTML 4Page - Pletronics, Inc. P1145-3SDES Datasheet HTML 5Page - Pletronics, Inc. P1145-3SDES Datasheet HTML 6Page - Pletronics, Inc. P1145-3SDES Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
P113SD Series 5.0 V
CMOS Clock Oscillators
July 2007
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
Cover:
Kovar
Electroless Nickel Plated
1 µinch (25 µm) typical
Resistance welded to base
Label:
White Kapton with Black Letters
–or--
Blue Epoxy heat cure ink with laser
marked lettering
Base:
Kovar
Glass to metal sealed leads
Pin 7 Connected to case
Not to scale
A
0.787 +
_0.005
20.00 +
_0.13
B
0.487 +
_0.005
12.37 +
_0.13
C
0.225 +
_0.011
5.72 +
_0.28
D
1
0.250
6.35
E
1
0.020
0.51
F
1
0.031
0.79
G
1
0.094
2.37
H
1
0.300
7.62
I
1
0.600
15.24
J
1
0.094
2.37
1 Nominal dimension
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is logic low the output will be inhibited (high impedance state.)
Recommend connecting this pad to V
CC if the oscillator is to be always on.
7
Ground (GND)
8
Output
14
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large magnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or mechanical fans.


Similar Part No. - P1145-3SDES

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
P1145-3SDESV PLETRONICS-P1145-3SDESV Datasheet
81Kb / 7P
   P113SD Series 3.3 V CMOS Clock Oscillators
P1145-3SDESW PLETRONICS-P1145-3SDESW Datasheet
80Kb / 7P
   P113SD Series 2.5 V CMOS Clock Oscillators
P1145-3SDESX PLETRONICS-P1145-3SDESX Datasheet
78Kb / 7P
   P113SD Series 1.8 V CMOS Clock Oscillators
More results

Similar Description - P1145-3SDES

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
P1145-3SDESV PLETRONICS-P1145-3SDESV Datasheet
81Kb / 7P
   P113SD Series 3.3 V CMOS Clock Oscillators
P1145-3SDESX PLETRONICS-P1145-3SDESX Datasheet
78Kb / 7P
   P113SD Series 1.8 V CMOS Clock Oscillators
P1145-3SDESW PLETRONICS-P1145-3SDESW Datasheet
80Kb / 7P
   P113SD Series 2.5 V CMOS Clock Oscillators
SM7745DE PLETRONICS-SM7745DE Datasheet
149Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745HE PLETRONICS-SM7745HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM5545ME PLETRONICS-SM5545ME Datasheet
152Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745ME PLETRONICS-SM7745ME Datasheet
150Kb / 8P
   5.0 V CMOS Clock Oscillators
SQ3345DES PLETRONICS-SQ3345DES Datasheet
132Kb / 7P
   5.0 V CMOS Clock Oscillators
SM7645DE PLETRONICS-SM7645DE Datasheet
203Kb / 9P
   5.0 V CMOS Clock Oscillators
SM5545TE PLETRONICS-SM5545TE Datasheet
151Kb / 8P
   5.0 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com