Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3345BEV Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # PE3345BEV
Description  PE3XB Series 3.3 V PECL Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE3345BEV Datasheet(HTML) 4 Page - Pletronics, Inc.

  PE3345BEV Datasheet HTML 1Page - Pletronics, Inc. PE3345BEV Datasheet HTML 2Page - Pletronics, Inc. PE3345BEV Datasheet HTML 3Page - Pletronics, Inc. PE3345BEV Datasheet HTML 4Page - Pletronics, Inc. PE3345BEV Datasheet HTML 5Page - Pletronics, Inc. PE3345BEV Datasheet HTML 6Page - Pletronics, Inc. PE3345BEV Datasheet HTML 7Page - Pletronics, Inc. PE3345BEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PE3XB Series 3.3 V
PECL Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
4
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
Showing Out Measurement only
Trise
Symmetry
20%
Vlow
50%
80%
Vhigh
Tfall
Out*
Out
Typical Phase-Noise Response
Load Circuit
E/D shown on pad 1 for PE37B, will be on pad 2 for PE33B
Test Waveform


Similar Part No. - PE3345BEV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE3345BEW PLETRONICS-PE3345BEW Datasheet
168Kb / 9P
   PE3XB Series 2.5 V PECL Clock Oscillators
More results

Similar Description - PE3345BEV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE3345BEW PLETRONICS-PE3345BEW Datasheet
168Kb / 9P
   PE3XB Series 2.5 V PECL Clock Oscillators
PE5545DEV PLETRONICS-PE5545DEV Datasheet
119Kb / 8P
   PE55D Series 3.3 V PECL Clock Oscillators
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
PE1145TEV PLETRONICS-PE1145TEV Datasheet
122Kb / 8P
   PE11T Series 3.3 V PECL Clock Oscillators
PE7745DEV PLETRONICS-PE7745DEV Datasheet
158Kb / 8P
   PE77D Series 3.3 V PECL Clock Oscillators
PE1145MEV PLETRONICS-PE1145MEV Datasheet
146Kb / 8P
   PE11M Series 3.3 V PECL Clock Oscillators
PE9945DEV PLETRONICS-PE9945DEV Datasheet
122Kb / 8P
   PE99D Series 3.3 V PECL Clock Oscillators
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
PE7645DEV PLETRONICS-PE7645DEV Datasheet
117Kb / 8P
   PE76D Series 3.3 V PECL Clock Oscillators
PE3745TEV PLETRONICS-PE3745TEV Datasheet
124Kb / 8P
   PE37T Series 3.3 V PECL Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com