Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1145MV Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # PE1145MV
Description  PE11M Series 3.3 V PECL Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE1145MV Datasheet(HTML) 5 Page - Pletronics, Inc.

  PE1145MV Datasheet HTML 1Page - Pletronics, Inc. PE1145MV Datasheet HTML 2Page - Pletronics, Inc. PE1145MV Datasheet HTML 3Page - Pletronics, Inc. PE1145MV Datasheet HTML 4Page - Pletronics, Inc. PE1145MV Datasheet HTML 5Page - Pletronics, Inc. PE1145MV Datasheet HTML 6Page - Pletronics, Inc. PE1145MV Datasheet HTML 7Page - Pletronics, Inc. PE1145MV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PE11M Series 3.3 V
PECL Clock Oscillators
December 2007
www.pletronics.com
425-776-1880
5
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition B
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A
ESD Rating
Model
Minimum Voltage
Conditions
Human Body Model
1500
MIL-STD-883 Method 3115
Charged Device Model
1000
JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII
PCB Mounting
Wave solder at 255oC to 280oC with maximum wave exposure of 15 seconds
Reflow solder maximum exposure of 245oC for 15 seconds
Soldering done in a nitrogen atmosphere enhances the solder joint quality.


Similar Part No. - PE1145MV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
PE1145BV PLETRONICS-PE1145BV Datasheet
93Kb / 5P
   B Package PECL Series
PE1145TEV PLETRONICS-PE1145TEV Datasheet
122Kb / 8P
   PE11T Series 3.3 V PECL Clock Oscillators
PE1145TV PLETRONICS-PE1145TV Datasheet
122Kb / 8P
   PE11T Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE1145MV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE5545DEV PLETRONICS-PE5545DEV Datasheet
119Kb / 8P
   PE55D Series 3.3 V PECL Clock Oscillators
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
PE1145TEV PLETRONICS-PE1145TEV Datasheet
122Kb / 8P
   PE11T Series 3.3 V PECL Clock Oscillators
PE7745DEV PLETRONICS-PE7745DEV Datasheet
158Kb / 8P
   PE77D Series 3.3 V PECL Clock Oscillators
PE9945DEV PLETRONICS-PE9945DEV Datasheet
122Kb / 8P
   PE99D Series 3.3 V PECL Clock Oscillators
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
PE7645DEV PLETRONICS-PE7645DEV Datasheet
117Kb / 8P
   PE76D Series 3.3 V PECL Clock Oscillators
PE3345BEV PLETRONICS-PE3345BEV Datasheet
135Kb / 8P
   PE3XB Series 3.3 V PECL Clock Oscillators
PE3745TEV PLETRONICS-PE3745TEV Datasheet
124Kb / 8P
   PE37T Series 3.3 V PECL Clock Oscillators
PE9345DEV PLETRONICS-PE9345DEV Datasheet
139Kb / 8P
   PE93D Series 3.3 V PECL Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com