Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3745BW Datasheet(PDF) 7 Page - Pletronics, Inc.

Part # PE3745BW
Description  PE3XB Series 2.5 V PECL Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE3745BW Datasheet(HTML) 7 Page - Pletronics, Inc.

  PE3745BW Datasheet HTML 1Page - Pletronics, Inc. PE3745BW Datasheet HTML 2Page - Pletronics, Inc. PE3745BW Datasheet HTML 3Page - Pletronics, Inc. PE3745BW Datasheet HTML 4Page - Pletronics, Inc. PE3745BW Datasheet HTML 5Page - Pletronics, Inc. PE3745BW Datasheet HTML 6Page - Pletronics, Inc. PE3745BW Datasheet HTML 7Page - Pletronics, Inc. PE3745BW Datasheet HTML 8Page - Pletronics, Inc. PE3745BW Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PE3XB Series 2.5 V
PECL Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
7
Mechanical (obsolete version):
The cover is no longer being supplied over this part. This part is made with a hermetically sealed
PE99xxDV series oscillator. This part is now exposed.
The cover has been deleted, the cover was causing problems with the newer high temperature RoHS lead
free processes. The cover purpose was only cosmetic.
All parts with 2008 date codes will be made in the new fashion.
There is no change in electrical properties.
Pletronics does recommend that all designs should transition to the PE99xxDV ceramic part.
Inches
mm
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad ½ oz. Typical
Gold plated 0.02 µinch (0.5 µm)
Label:
White Kapton with Black Letters
–or--
Blue Epoxy heat cure ink covering
top with laser marked lettering
Cover:
Centered on the base
304 Stainless Steel
0.010 inch (0.25µm)
Electroless Nickel Plated
1 µinch (25 µm) typical
Pin 3 Ground plane is typical
Not to scale
B
0.550 +
_0.010
13.97 +
_0.25
A
0.390 +
_0.010
9.90 +
_0.25
C
0.105 +
_0.010
2.67 +
_0.25
D
1
0.026 typ.
0.66
E
1
0.050
1.27
F
1
0.028 R
0.72 R
G
1
0.180
4.57
H
1
0.100
2.54
I
1
0.050
1.27
J
1
0.015
0.38
K
1
0.380
9.65
The package is not hermetically sealed.
The sides are intentionally left open to permit cleaning material to freely flow in the package, thus
minimizing the accumulation of contaminants during cleaning processes.
The internal part of the package must be thoroughly dry before operating.


Similar Part No. - PE3745BW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE3745BEV PLETRONICS-PE3745BEV Datasheet
135Kb / 8P
   PE3XB Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE3745BW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE3345BEV PLETRONICS-PE3345BEV Datasheet
135Kb / 8P
   PE3XB Series 3.3 V PECL Clock Oscillators
logo
List of Unclassifed Man...
PE77D ETC1-PE77D Datasheet
159Kb / 8P
   2.5 V PECL Clock Oscillators
logo
Pletronics, Inc.
PE5545DEW PLETRONICS-PE5545DEW Datasheet
119Kb / 8P
   PE55D Series 2.5 V PECL Clock Oscillators
PE7745DEW PLETRONICS-PE7745DEW Datasheet
158Kb / 8P
   PE77D Series 2.5 V PECL Clock Oscillators
PE7645DEW PLETRONICS-PE7645DEW Datasheet
209Kb / 9P
   PE76D / PE78D Series 2.5 V PECL Clock Oscillators
logo
Vectron International, ...
CO-434_454 VECTRON-CO-434_454 Datasheet
73Kb / 2P
   PECL Clock Oscillators
logo
Pletronics, Inc.
PE5545DEV PLETRONICS-PE5545DEV Datasheet
119Kb / 8P
   PE55D Series 3.3 V PECL Clock Oscillators
PE9945DEV PLETRONICS-PE9945DEV Datasheet
122Kb / 8P
   PE99D Series 3.3 V PECL Clock Oscillators
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com