Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7845DW Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # PE7845DW
Description  PE76D / PE78D Series 2.5 V PECL Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE7845DW Datasheet(HTML) 1 Page - Pletronics, Inc.

  PE7845DW Datasheet HTML 1Page - Pletronics, Inc. PE7845DW Datasheet HTML 2Page - Pletronics, Inc. PE7845DW Datasheet HTML 3Page - Pletronics, Inc. PE7845DW Datasheet HTML 4Page - Pletronics, Inc. PE7845DW Datasheet HTML 5Page - Pletronics, Inc. PE7845DW Datasheet HTML 6Page - Pletronics, Inc. PE7845DW Datasheet HTML 7Page - Pletronics, Inc. PE7845DW Datasheet HTML 8Page - Pletronics, Inc. PE7845DW Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2006, 2007, 2008, Pletronics
Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
PE76D / PE78D Series 2.5 V
PECL Clock Oscillators
January 2008
Do Not Use for New Designs - use PE55 or PE77
• Pletronics’ PE76D/PE78D Series is a quartz
crystal controlled precision square wave generator
with a PECL output.
• FR4 base with a mechanical metal cover.
• Solder pad compatible with many 9x14mm plastic
J lead packages.
• Has internal bypass capacitor on the Vcc lead
• Tape and Reel or cut tape packaging is available.
• 40 to 250 MHz
• 9.04mm x 8.91mm (S package)
• Enable/Disable PE76D on pad 1
PE78D on pad 2)
• Disable function includes low standby power
mode
•3
rd Overtone Crystals used
• Low Jitter
• 5x7 mm LCC ceramic oscillator PE77 series
Pletronics Inc. certifies this device is in accordance with the
RoHS 5/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.4 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +7.0V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo
Output Voltage
-0.5V to V
CC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155
oC
The thermal resistance junction to board is 60 to 100
oC/Watt depending on the solder pads, ground plane
and construction of the PCB.


Similar Part No. - PE7845DW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
PE7845DV PLETRONICS-PE7845DV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE7845DW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
PE7645DEV PLETRONICS-PE7645DEV Datasheet
117Kb / 8P
   PE76D Series 3.3 V PECL Clock Oscillators
logo
List of Unclassifed Man...
PE77D ETC1-PE77D Datasheet
159Kb / 8P
   2.5 V PECL Clock Oscillators
logo
Pletronics, Inc.
PE5545DEW PLETRONICS-PE5545DEW Datasheet
119Kb / 8P
   PE55D Series 2.5 V PECL Clock Oscillators
PE3345BEW PLETRONICS-PE3345BEW Datasheet
168Kb / 9P
   PE3XB Series 2.5 V PECL Clock Oscillators
PE7745DEW PLETRONICS-PE7745DEW Datasheet
158Kb / 8P
   PE77D Series 2.5 V PECL Clock Oscillators
logo
Vectron International, ...
CO-434_454 VECTRON-CO-434_454 Datasheet
73Kb / 2P
   PECL Clock Oscillators
logo
Pletronics, Inc.
PE5545DEV PLETRONICS-PE5545DEV Datasheet
119Kb / 8P
   PE55D Series 3.3 V PECL Clock Oscillators
PE9945DEV PLETRONICS-PE9945DEV Datasheet
122Kb / 8P
   PE99D Series 3.3 V PECL Clock Oscillators
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com