Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER14.5-3-7-3C92-S Datasheet(PDF) 3 Page - FERYSTER Inductive Components Manufacturer

Part # ER14.5-3-7-3C92-S
Description  Planar ER cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

ER14.5-3-7-3C92-S Datasheet(HTML) 3 Page - FERYSTER Inductive Components Manufacturer

  ER14.5-3-7-3C92-S Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer ER14.5-3-7-3C92-S Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer ER14.5-3-7-3C92-S Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer ER14.5-3-7-3C92-S Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer ER14.5-3-7-3C92-S Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer ER14.5-3-7-3C92-S Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2004 Sep 01
3
Ferroxcube
Planar ER cores and accessories
ER14.5/3/7
Core sets of high permeability grades
Clamping force for AL measurements.
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
GRADE
AL
(nH)
µ
e
AIR GAP
(
µm)
TYPE NUMBER
3E6
7900
+40/−30%
≈ 6800
≈ 0
ER14.5/3/7-3E6-S
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T=100
°C
f = 100 kHz;
=100 mT;
T = 100
°C
f = 100 kHz;
= 200 mT;
T = 100
°C
f= 400 kHz;
=50mT;
T=100
°C
f = 500 kHz;
=50 mT;
T = 100
°C
3C92
≥370
≤ 0.032
≤ 0.2
−−
3C93
≥320
≤ 0.032(1)
1.
Measured at 140
°C.
≤ 0.2(1)
−−
3C94
≥320
≤ 0.032
≤ 0.2
−−
3C96
≥340
≤ 0.025
≤ 0.16
≤ 0.06
≤ 0.13
3F3
≥300
≤ 0.043
−≤ 0.061
3F35
≥300
−−
≤ 0.03
≤ 0.045
3F4
≥250
−−−
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f = 500 kHz;
= 100 mT;
T = 100
°C
f= 1 MHz;
=30mT;
T=100
°C
f= 1 MHz;
=50mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T = 100
°C
3C92
≥370
−−−−
3C93
≥320
−−−−
3C94
≥320
−−−−
3C96
≥340
−−−−
3F3
≥300
−−−−
3F35
≥300
≤ 0.35
−−−
3F4
≥250
−≤ 0.1
−≤ 0.16
3F45
≥250
−≤ 0.67
≤ 0.17
≤ 0.12
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - ER14.5-3-7-3C92-S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
ER14.5-3C92-S FERROXCUBE-ER14.5-3C92-S Datasheet
61Kb / 6P
   Planar ER cores and accessories
ER14.5-3C93-S FERROXCUBE-ER14.5-3C93-S Datasheet
61Kb / 6P
   Planar ER cores and accessories
ER14.5-3C94-A100-S FERROXCUBE-ER14.5-3C94-A100-S Datasheet
61Kb / 6P
   Planar ER cores and accessories
ER14.5-3C94-A160-S FERROXCUBE-ER14.5-3C94-A160-S Datasheet
61Kb / 6P
   Planar ER cores and accessories
ER14.5-3C94-A250-S FERROXCUBE-ER14.5-3C94-A250-S Datasheet
61Kb / 6P
   Planar ER cores and accessories
More results

Similar Description - ER14.5-3-7-3C92-S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
ER32 FERROXCUBE-ER32 Datasheet
49Kb / 4P
   Planar ER cores and accessories
logo
FERYSTER Inductive Comp...
ER9.5-2.5-5-3C92-S FERYSTER-ER9.5-2.5-5-3C92-S Datasheet
39Kb / 6P
   Planar ER cores and accessories
logo
Ferroxcube Internationa...
ER23 FERROXCUBE-ER23 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER41 FERROXCUBE-ER41 Datasheet
51Kb / 4P
   Planar ER cores and accessories
ER51 FERROXCUBE-ER51 Datasheet
50Kb / 4P
   Planar ER cores and accessories
ER64 FERROXCUBE-ER64 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER11 FERROXCUBE-ER11 Datasheet
63Kb / 6P
   Planar ER cores and accessories
ER95 FERROXCUBE-ER95 Datasheet
63Kb / 6P
   Planar ER cores and accessories
ER14.5 FERROXCUBE-ER14.5 Datasheet
61Kb / 6P
   Planar ER cores and accessories
ER18 FERROXCUBE-ER18 Datasheet
49Kb / 4P
   Planar ER cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com