Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP13-3H3-A63 Datasheet(PDF) 3 Page - FERYSTER Inductive Components Manufacturer

Part # EP13-3H3-A63
Description  EP cores and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

EP13-3H3-A63 Datasheet(HTML) 3 Page - FERYSTER Inductive Components Manufacturer

  EP13-3H3-A63 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer EP13-3H3-A63 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer EP13-3H3-A63 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer EP13-3H3-A63 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer EP13-3H3-A63 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer EP13-3H3-A63 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer EP13-3H3-A63 Datasheet HTML 7Page - FERYSTER Inductive Components Manufacturer EP13-3H3-A63 Datasheet HTML 8Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2004 Sep 01
3
Ferroxcube
EP cores and accessories
EP13
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 30 ±10 N.
Core sets of high permeability grades
Clamping force for AL measurements, 30 ±10 N.
GRADE
AL
(nH)
µ
e
AIR GAP
(
µm)
TYPE NUMBER
3C81
40
±3%
≈ 40
≈ 1000
EP13-3C81-E40
63
±3%
≈ 62
≈ 540
EP13-3C81-A63
100
±3%
≈ 99
≈ 300
EP13-3C81-A100
160
±3%
≈ 158
≈ 170
EP13-3C81-A160
250
±5%
≈ 247
≈ 100
EP13-3C81-A250
1700
±25%
≈ 1680
≈ 0
EP13-3C81
3C91
1700
±25%
≈ 1680
≈0
EP13-3C91
3C94
40
±3%
≈ 40
≈ 1000
EP13-3C94-E40
63
±3%
≈ 62
≈ 540
EP13-3C94-A63
100
±3%
≈ 99
≈ 300
EP13-3C94-A100
160
±3%
≈ 158
≈ 170
EP13-3C94-A160
250
±5%
≈ 247
≈ 100
EP13-3C94-A250
1650
±25%
≈ 1630
≈ 0
EP13-3C94
3C96
1500
±25%
≈ 1480
≈ 0
EP13-3C96
3F3
40
±3%
≈ 40
≈ 1000
EP13-3F3-E40
63
±3%
≈ 62
≈ 540
EP13-3F3-A63
100
±3%
≈ 99
≈ 300
EP13-3F3-A100
160
±3%
≈ 158
≈ 170
EP13-3F3-A160
250
±5%
≈ 247
≈ 100
EP13-3F3-A250
1325
±25%
≈ 1310
≈ 0
EP13-3F3
3F35
1100
±25%
≈ 1090
≈ 0
EP13-3F35
GRADE
AL
(nH)
µ
e
AIR GAP
(
µm)
TYPE NUMBER
3E27
4600
± 25%
≈ 4540
≈ 0
EP13-3E27
3E5
7000 +40/-30%
≈ 6900
≈ 0
EP13-3E5
3E55
100
±3%
≈ 99
≈ 310
EP13-3E55-A100
160
±3%
≈ 158
≈ 180
EP13-3E55-A160
250
±5%
≈ 247
≈ 110
EP13-3E55-A250
315
±5%
≈ 311
≈ 80
EP13-3E55-A315
400
±8%
≈ 395
≈ 65
EP13-3E55-A400
630
±15%
≈ 622
≈ 40
EP13-3E55-A630
7000 +40/-30%
≈ 6900
≈ 0
EP13-3E55
3E6
8500 +40/-30%
≈ 8400
≈ 0
EP13-3E6


Similar Part No. - EP13-3H3-A63

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
EP13-3C81 FERROXCUBE-EP13-3C81 Datasheet
84Kb / 8P
   EP cores and accessories
EP13-3C81-A100 FERROXCUBE-EP13-3C81-A100 Datasheet
84Kb / 8P
   EP cores and accessories
EP13-3C81-A160 FERROXCUBE-EP13-3C81-A160 Datasheet
84Kb / 8P
   EP cores and accessories
EP13-3C81-A250 FERROXCUBE-EP13-3C81-A250 Datasheet
84Kb / 8P
   EP cores and accessories
EP13-3C81-A63 FERROXCUBE-EP13-3C81-A63 Datasheet
84Kb / 8P
   EP cores and accessories
More results

Similar Description - EP13-3H3-A63

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSH-EP20-1S-10P-T FERROXCUBE-CSH-EP20-1S-10P-T Datasheet
45Kb / 1P
   EP cores and accessories
EP7 FERROXCUBE-EP7_1 Datasheet
25Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20_1 Datasheet
8Kb / 1P
   EP cores and accessories
CPHS-EP7-1S-6P-T FERROXCUBE-CPHS-EP7-1S-6P-T Datasheet
9Kb / 1P
   EP cores and accessories
CSH-EP7-1S-8P-LZ FERROXCUBE-CSH-EP7-1S-8P-LZ Datasheet
9Kb / 1P
   EP cores and accessories
CPHS-EP5-1S-6P FERROXCUBE-CPHS-EP5-1S-6P Datasheet
81Kb / 1P
   EP cores and accessories
EP17 FERROXCUBE-EP17_1 Datasheet
20Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20 Datasheet
64Kb / 6P
   EP cores and accessories
CSH-EP17-1S-8P FERROXCUBE-CSH-EP17-1S-8P Datasheet
44Kb / 1P
   EP cores and accessories
CSHS-EP7-1S-6P FERROXCUBE-CSHS-EP7-1S-6P Datasheet
50Kb / 1P
   EP cores and accessories
CSHS-EP13-1S-10P-T FERROXCUBE-CSHS-EP13-1S-10P-T Datasheet
43Kb / 1P
   EP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com