Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM1270ZF100A Datasheet(PDF) 10 Page - Altera Corporation

Part # EPM1270ZF100A
Description  MAX II Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM1270ZF100A Datasheet(HTML) 10 Page - Altera Corporation

Back Button EPM1270ZF100A Datasheet HTML 6Page - Altera Corporation EPM1270ZF100A Datasheet HTML 7Page - Altera Corporation EPM1270ZF100A Datasheet HTML 8Page - Altera Corporation EPM1270ZF100A Datasheet HTML 9Page - Altera Corporation EPM1270ZF100A Datasheet HTML 10Page - Altera Corporation EPM1270ZF100A Datasheet HTML 11Page - Altera Corporation EPM1270ZF100A Datasheet HTML 12Page - Altera Corporation EPM1270ZF100A Datasheet HTML 13Page - Altera Corporation EPM1270ZF100A Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
2–2
Chapter 2: MAX II Architecture
Functional Description
MAX II Device Handbook
© October 2008
Altera Corporation
Figure 2–1 shows a functional block diagram of the MAX II device.
Each MAX II device contains a flash memory block within its floorplan. On the
EPM240 device, this block is located on the left side of the device. On the EPM570,
EPM1270, and EPM2210 devices, the flash memory block is located on the bottom-left
area of the device. The majority of this flash memory storage is partitioned as the
dedicated configuration flash memory (CFM) block. The CFM block provides the non-
volatile storage for all of the SRAM configuration information. The CFM
automatically downloads and configures the logic and I/O at power-up, providing
instant-on operation.
f For more information about configuration upon power-up, refer to the Hot Socketing
and Power-On Reset in MAX II Devices chapter in the MAX II Device Handbook.
A portion of the flash memory within the MAX II device is partitioned into a small
block for user data. This user flash memory (UFM) block provides 8,192 bits of
general-purpose user storage. The UFM provides programmable port connections to
the logic array for reading and writing. There are three LAB rows adjacent to this
block, with column numbers varying by device.
Table 2–1 shows the number of LAB rows and columns in each device, as well as the
number of LAB rows and columns adjacent to the flash memory area in the EPM570,
EPM1270, and EPM2210 devices. The long LAB rows are full LAB rows that extend
from one side of row I/O blocks to the other. The short LAB rows are adjacent to the
UFM block; their length is shown as width in LAB columns.
Figure 2–1. MAX II Device Block Diagram
Logic Array
BLock (LAB)
MultiTrack
Interconnect
MultiTrack
Interconnect
Logic
Element
Logic
Element
IOE
IOE
IOE
IOE
Logic
Element
Logic
Element
IOE
IOE
Logic
Element
Logic
Element
IOE
IOE
Logic
Element
Logic
Element
Logic
Element
Logic
Element
IOE
IOE
Logic
Element
Logic
Element


Similar Part No. - EPM1270ZF100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM1270ZF100A3ES ALTERA-EPM1270ZF100A3ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM1270ZF100A3N ALTERA-EPM1270ZF100A3N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM1270ZF100A4ES ALTERA-EPM1270ZF100A4ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM1270ZF100A4N ALTERA-EPM1270ZF100A4N Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
EPM1270ZF100A5ES ALTERA-EPM1270ZF100A5ES Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
More results

Similar Description - EPM1270ZF100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
   HardCopy II Device Family
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
CYC2_CII5V1 ALTERA-CYC2_CII5V1_01 Datasheet
2Mb / 168P
   Cyclone II Device Family
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com