Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP13-3C94-E40 Datasheet(PDF) 4 Page - FERYSTER Inductive Components Manufacturer

Part # EP13-3C94-E40
Description  EP cores and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

EP13-3C94-E40 Datasheet(HTML) 4 Page - FERYSTER Inductive Components Manufacturer

  EP13-3C94-E40 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer EP13-3C94-E40 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer EP13-3C94-E40 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer EP13-3C94-E40 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer EP13-3C94-E40 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer EP13-3C94-E40 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer EP13-3C94-E40 Datasheet HTML 7Page - FERYSTER Inductive Components Manufacturer EP13-3C94-E40 Datasheet HTML 8Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2004 Sep 01
4
Ferroxcube
EP cores and accessories
EP13
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
Note
1.
Measured at 60
°C.
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f = 25 kHz;
= 200 mT;
T = 100
°C
f= 100 kHz;
= 100 mT;
T=100
°C
f= 100 kHz;
= 200 mT;
T = 100
°C
f= 400 kHz;
=50mT;
T=100
°C
3C81
≥315
≤ 0.1
−−
3C91
≥315
−≤ 0.03(1)
≤ 0.17(1)
3C94
≥320
−≤ 0.04
≤ 0.22
3C96
≥340
−≤ 0.03
≤ 0.17
≤ 0.075
3F35
≥300
−−
≤ 0.04
3F3
≥315
−≤ 0.05
−≤ 0.1
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f = 500 kHz;
=50mT;
T = 100
°C
f= 500 kHz;
= 100 mT;
T = 100
°C
f= 1 MHz;
=30mT;
T = 100
°C
f= 3 MHz;
=10mT;
T=100
°C
3C81
≥315
−−
3C91
≥315
−−
3C94
≥320
−−
3C96
≥340
≤ 0.15
−−
3F35
≥300
≤ 0.06
≤ 0.45
−−
3F3
≥315
−−
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - EP13-3C94-E40

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
EP13-3C94-E40 FERROXCUBE-EP13-3C94-E40 Datasheet
84Kb / 8P
   EP cores and accessories
More results

Similar Description - EP13-3C94-E40

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSH-EP20-1S-10P-T FERROXCUBE-CSH-EP20-1S-10P-T Datasheet
45Kb / 1P
   EP cores and accessories
EP7 FERROXCUBE-EP7_1 Datasheet
25Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20_1 Datasheet
8Kb / 1P
   EP cores and accessories
CPHS-EP7-1S-6P-T FERROXCUBE-CPHS-EP7-1S-6P-T Datasheet
9Kb / 1P
   EP cores and accessories
CSH-EP7-1S-8P-LZ FERROXCUBE-CSH-EP7-1S-8P-LZ Datasheet
9Kb / 1P
   EP cores and accessories
CPHS-EP5-1S-6P FERROXCUBE-CPHS-EP5-1S-6P Datasheet
81Kb / 1P
   EP cores and accessories
EP17 FERROXCUBE-EP17_1 Datasheet
20Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20 Datasheet
64Kb / 6P
   EP cores and accessories
CSH-EP17-1S-8P FERROXCUBE-CSH-EP17-1S-8P Datasheet
44Kb / 1P
   EP cores and accessories
CSHS-EP7-1S-6P FERROXCUBE-CSHS-EP7-1S-6P Datasheet
50Kb / 1P
   EP cores and accessories
CSHS-EP13-1S-10P-T FERROXCUBE-CSHS-EP13-1S-10P-T Datasheet
43Kb / 1P
   EP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com