Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK603-606 Datasheet(PDF) 1 Page - FERYSTER Inductive Components Manufacturer

Part # LNK603-606
Description  Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

LNK603-606 Datasheet(HTML) 1 Page - FERYSTER Inductive Components Manufacturer

  LNK603-606 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer LNK603-606 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer LNK603-606 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer LNK603-606 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer LNK603-606 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer LNK603-606 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer LNK603-606 Datasheet HTML 7Page - FERYSTER Inductive Components Manufacturer LNK603-606 Datasheet HTML 8Page - FERYSTER Inductive Components Manufacturer LNK603-606 Datasheet HTML 9Page - FERYSTER Inductive Components Manufacturer Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LNK603-606/613-616
LinkSwitch-II Family
www.powerint.com
June 2008
Energy-Efficient, Accurate CV/CC Switcher
for Adapters and Chargers
®
Output Power Table
Product3
85-265 VAC
Adapter1
Open Frame2
LNK603/613PG/DG
2.5 W
3.3 W
LNK604/614PG/DG
3.5 W
4.1 W
LNK605/615PG/DG
4.5 W
5.1 W
LNK606/616PG/GG
5.5 W
6.1 W
Table 1.
Output Power Table.
Notes:
1. Minimum continuous power in a typical non-ventilated enclosed adapter
measured at +50 °C ambient, device, T
J <100 °C.
2. Maximum practical continuous power in an open frame design with adequate
heatsinking, measured at 50 °C ambient (see Key Applications Considerations
section for more information).
3. Packages: P: DIP-8C, G: SMD-8C, D: SO-8C.
Product Highlights
Dramatically Simplifies CV/CC Converters
Eliminates Optocoupler and all secondary CV/CC control
circuitry
Eliminates all control loop compensation circuitry
Advanced Performance Features
Compensates for transformer inductance tolerances
Compensates for input line voltage variations
Compensates for cable voltage drop (LNK61X series)
Compensates for external component temperature variations
Very tight IC parameter tolerances using proprietary trimming
technology
Frequency jittering greatly reduces EMI filter cost
Even tighter output tolerances achievable with external resistor
selection/trimming
Advanced Protection/Safety Features
Auto-restart protection reduces power delivered by >95% for
output short circuit and control loop faults (open and shorted
components)
Hysteretic thermal shutdown – automatic recovery reduces
power supply returns from the field
Meets HV creepage requirements between Drain and all other
pins both on the PCB and at the package
EcoSmart® – Energy Efficient
Easily meets all global energy efficiency regulations
No-load consumption <200 mW at 230 VAC and down to
below 30 mW with optional external bias
On/Off control provides constant efficiency down to very light
loads – ideal for CEC and ENERGY STAR 2.0 regulations
No current sense resistors – maximizes efficiency
Green Package
Halogen free and RoHS compliant package
Applications
Chargers for cell/cordless phones, PDAs, MP3/portable audio
devices, adapters, LED drivers, etc.
Description
The LinkSwitch-II dramatically simplifies low power CV/CC
charger designs by eliminating an optocoupler and secondary
control circuitry. The device introduces a revolutionary control
technique to provide very tight output voltage and current
regulation, compensating for transformer and internal parameter
tolerances along with input voltage variations.
The device incorporates a 700 V power MOSFET, a novel On/Off
control state machine, a high voltage switched current source for
self biasing, frequency jittering, cycle-by-cycle current limit and
hysteretic thermal shutdown circuitry onto a monolithic IC.
Figure 1.
Typical Application/Performance – Not a Simplified Circuit (a) and
Output Characteristic Envelope (b). (see Application Section for
more information).
LinkSwitch-II
Wide Range
HV DC Input
PI-4960-060608
D
S
FB
BP/M
I
O
V
O
±5%
±10%
PI-4906-041008
(a) Typical Application Schematic
(b) Output Characteristic


Similar Part No. - LNK603-606

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK603 POWERINT-LNK603 Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603 Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK603DG POWERINT-LNK603DG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603DG POWERINT-LNK603DG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603DG-TL POWERINT-LNK603DG-TL Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
More results

Similar Description - LNK603-606

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK604PG POWERINT-LNK604PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK603 POWERINT-LNK603_10 Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK632DG POWERINT-LNK632DG Datasheet
551Kb / 10P
   Energy-Efficient, Accurate CV Switcher With CC Control for Adapters and Chargers
LNK4XXXS-TL POWERINT-LNK4XXXS-TL Datasheet
1Mb / 22P
   Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com