Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP13-3E27 Datasheet(PDF) 7 Page - FERYSTER Inductive Components Manufacturer

Part # EP13-3E27
Description  EP cores and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

EP13-3E27 Datasheet(HTML) 7 Page - FERYSTER Inductive Components Manufacturer

  EP13-3E27 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer EP13-3E27 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer EP13-3E27 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer EP13-3E27 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer EP13-3E27 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer EP13-3E27 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer EP13-3E27 Datasheet HTML 7Page - FERYSTER Inductive Components Manufacturer EP13-3E27 Datasheet HTML 8Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2004 Sep 01
7
Ferroxcube
EP cores and accessories
EP13
MOUNTING PARTS
General data
ITEM
REMARKS
FIGURE
TYPE NUMBER
Clasp
copper-nickel-zinc alloy (nickel silver)
4
CLA-EP13
Spring
copper-nickel-zinc alloy (nickel silver)
5
SPR-EP13
Clip
stainless steel (CrNi); clamping force
≈32 N
6
CLI-EP13
handbook, halfpage
16.8
2.6
12.9
4
1
7.5
0.4 TYP
MGB590
11.7
Fig.4 Mounting clasp CLA-EP13.
Dimensions in mm.
handbook, halfpage
CBW619
12.7
14
7.5
0.4
TYP
Fig.5 Mounting spring SPR-EP13.
Dimensions in mm.
handbook, halfpage
6.8
0.25
6
14.5
12.8 +
0.2
0
12.2
0
−0.3
CBW090
Fig.6 Mounting clip CLI-EP13.
Dimensions in mm.


Similar Part No. - EP13-3E27

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
EP13-3C81 FERROXCUBE-EP13-3C81 Datasheet
84Kb / 8P
   EP cores and accessories
EP13-3C81-A100 FERROXCUBE-EP13-3C81-A100 Datasheet
84Kb / 8P
   EP cores and accessories
EP13-3C81-A160 FERROXCUBE-EP13-3C81-A160 Datasheet
84Kb / 8P
   EP cores and accessories
EP13-3C81-A250 FERROXCUBE-EP13-3C81-A250 Datasheet
84Kb / 8P
   EP cores and accessories
EP13-3C81-A63 FERROXCUBE-EP13-3C81-A63 Datasheet
84Kb / 8P
   EP cores and accessories
More results

Similar Description - EP13-3E27

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSH-EP20-1S-10P-T FERROXCUBE-CSH-EP20-1S-10P-T Datasheet
45Kb / 1P
   EP cores and accessories
EP7 FERROXCUBE-EP7_1 Datasheet
25Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20_1 Datasheet
8Kb / 1P
   EP cores and accessories
CPHS-EP7-1S-6P-T FERROXCUBE-CPHS-EP7-1S-6P-T Datasheet
9Kb / 1P
   EP cores and accessories
CSH-EP7-1S-8P-LZ FERROXCUBE-CSH-EP7-1S-8P-LZ Datasheet
9Kb / 1P
   EP cores and accessories
CPHS-EP5-1S-6P FERROXCUBE-CPHS-EP5-1S-6P Datasheet
81Kb / 1P
   EP cores and accessories
EP17 FERROXCUBE-EP17_1 Datasheet
20Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20 Datasheet
64Kb / 6P
   EP cores and accessories
CSH-EP17-1S-8P FERROXCUBE-CSH-EP17-1S-8P Datasheet
44Kb / 1P
   EP cores and accessories
CSHS-EP7-1S-6P FERROXCUBE-CSHS-EP7-1S-6P Datasheet
50Kb / 1P
   EP cores and accessories
CSHS-EP13-1S-10P-T FERROXCUBE-CSHS-EP13-1S-10P-T Datasheet
43Kb / 1P
   EP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com