Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4007 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # 1N4007
Description  AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1N4007 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  1N4007 Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1N4007 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
1N4001 THRU 1N4007
CURRENT
1.0 Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
120
140
2.0
1.8
1.6
TJ=25
° C F=1MHz
REVERSE VOLTAGE,(VOLTS)
10
0.1
4.0
1.0
10.0
FIG.5-TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,(V)
10
100
0.01
0.1
1
Pulse Width=300us
1% Duty Cycle
0.6
0.8
1.0
1.2
T =25
° C
j
1.4
100
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
0
0.01
20
0.1
1.0
100
60
40
80
T =25
° C
j
AMBIENT TEMPERATURE, (
° C)
FORWARD CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
10
25
Resistive or
Half Wave 60Hz
Inductive Load
Single Phase
0
0
0.4
50
0.6
0.8
100
75
125
175
150
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.4-TYPICAL REVERSE
FORWARD SURGE CURRENT
(JEDEC Method) =T
8.3ms Single Half Sine-Wave
NUMBER OF CYCLES AT 60 Hz
10
0
1
10
25
20
30
2
5
8
CHARACTERISTICS
T =100
° C
j
10
20
50
jmax
j
T
100
FIG.2-MAXIMUM NON-REPETITIVE PEAK
RATING AND CHRACTERISTIC CURVES 1N4001 Thur 1N4007
0.2
1.0
1.2


Similar Part No. - 1N4007

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1N4007 WILLAS-1N4007 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
1N4007 KEXIN-1N4007 Datasheet
553Kb / 2P
   Rectifier Diodes
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4007 DIODES-1N4007 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
More results

Similar Description - 1N4007

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
BY127 PFS-BY127_1 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
1N5400 MIC-1N5400 Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL251 PFS-RL251 Datasheet
164Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
BY127 MIC-BY127 Datasheet
45Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
EM513 MIC-EM513 Datasheet
50Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
RL251 MIC-RL251 Datasheet
46Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05G MIC-6A05G Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05S MIC-6A05S Datasheet
56Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL151 PFS-RL151 Datasheet
161Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
P600A MIC-P600A Datasheet
60Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1N5400 PFS-1N5400 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com