Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # 1N4448
Description  FAST SWITCHING DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1N4448 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  1N4448 Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1N4448 Datasheet HTML 2Page - MIC GROUP RECTIFIERS 1N4448 Datasheet HTML 3Page - MIC GROUP RECTIFIERS 1N4448 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Silicon Epitaxial Planar Diode
Fast switching diode
This diode is also available in other
case styles including: the SOD-123
case with the type designation
1N4448W, the MiniMELF case with the
type designation LL4448, and the SOT23
case with the type designation
MECHANICAL DATA
Case: DO-35
Weight: apprax: 0.13gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified
FAST SWITCHING DIODES
1N4448
MIC INVESTMENTS (CHINA) COMPANY LIMITED
Symbol
Value
Unit
Reverse Voltage
VR
75
V
Peak Reverse Voltage
VRM
100
V
Rectified Current (Average)
Half Wave Rectification with Resist. Load
at Tamb = 25 °C and f ≥ 50 Hz
I0
1501)
mA
Surge Forward Current at t < 1 s and Tj = 25 °C
IFSM
500
mA
Power Dissipation at Tamb = 25 °C
Ptot
5001)
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
TS
–65 to +175
°C
1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.


Similar Part No. - 1N4448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4448 PHILIPS-1N4448 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
1N4448 PHILIPS-1N4448 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
SynSemi, Inc.
1N4448 SYNSEMI-1N4448 Datasheet
31Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
GOOD-ARK Electronics
1N4448 GOOD-ARK-1N4448 Datasheet
235Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Rohm
1N4448 ROHM-1N4448 Datasheet
34Kb / 2P
   Switching diode
More results

Similar Description - 1N4448

ManufacturerPart #DatasheetDescription
logo
Changzhou Shunye Electr...
1SS355 SY-1SS355 Datasheet
862Kb / 2P
   FAST SWITCHING DIODES
logo
Cystech Electonics Corp...
BAS21SH CYSTEKEC-BAS21SH Datasheet
239Kb / 5P
   Fast Switching Diodes
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
   FAST SWITCHING DIODES
logo
Shunye Enterprise
1N4448WS SHUNYE-1N4448WS Datasheet
927Kb / 2P
   FAST SWITCHING DIODES
logo
MAKO SEMICONDUCTOR CO.,...
BAV19W MAKOSEMI-BAV19W Datasheet
246Kb / 2P
   FAST SWITCHING DIODES
BAV21W MAKOSEMI-BAV21W Datasheet
246Kb / 2P
   FAST SWITCHING DIODES
logo
Olitech Electronics Co....
LL103A OLITECH-LL103A Datasheet
367Kb / 2P
   FAST SWITCHING DIODES
logo
Nantong Hornby Electron...
1N4X48 HORNBY-1N4X48 Datasheet
306Kb / 4P
   FAST SWITCHING DIODES
logo
Vishay Siliconix
1N914 VISHAY-1N914_12 Datasheet
101Kb / 3P
   Fast Switching Diodes
Rev. 1.8, 17-Aug-10
logo
Shenzhen Ping Sheng Ele...
1N4448WS PFS-1N4448WS Datasheet
1Mb / 2P
   FAST SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS355 WINNERJOIN-1SS355_15 Datasheet
129Kb / 2P
   FAST SWITCHING DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com