Electronic Components Datasheet Search |
|
A31BCQ24VDC2D Datasheet(PDF) 1 Page - CIT Relay & Switch |
|
A31BCQ24VDC2D Datasheet(HTML) 1 Page - CIT Relay & Switch |
1 / 3 page www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 A3 28.5 x 28.5 x 26.5 (40.0) mm RoHS Compliant General Data Coil Voltage VDC Coil Resistance Ω +/- 10% Pick Up Voltage VDC (max) 70% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms Rated Max 1.8W 6 7.8 20 4.20 .6 1.80 7 5 12 15.6 80 8.40 1.2 24 31.2 320 16.80 2.4 Coil Data Contact Data • Large switching capacity up to 80A • PCB pin and quick connect mounting available • Suitable for automobile and lamp accessories • QS-9000, ISO-9002 Certified Manufacturing Features page 80 Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. Contact 1A = SPST N.O. Arrangement 1B = SPST N.C. 1C = SPDT 1U = SPST N.O. (2 terminals) Contact Rating Standard Heavy Duty 1A 60A @ 14VDC 80A @ 14VDC 1B 40A @ 14VDC 70A @ 14VDC 1C 60A @ 14VDC N.O. 80A @ 14VDC N.O. 40A @ 14VDC N.C. 70A @ 14VDC N.C. 1U 2x25A @ 14VDC 2x25@ 14VDC Contact Resistance < 30 milliohms initial Contact Material AgSnO2In2O3 Max Switching Power 1120W Max Switching Voltage 75VDC Max Switching Current 80A Electrical Life @ rated load 100K cycles, typical Mechanical Life 10M cycles, typical Insulation Resistance 100M Ω min. @ 500VDC Dielectric Strength, Coil to Contact 500V rms min. @ sea level Contact to Contact 500V rms min. @ sea level Shock Resistance 147m/s2 for 11 ms Vibration Resistance 1.5mm double amplitude 10~40Hz Terminal (Copper Alloy) Strength 8N (quick connect), 4N (PCB pins) Operating Temperature -40oC to +125oC Storage Temperature -40oC to +155oC Solderability 260oC for 5 s Weight 46g |
Similar Part No. - A31BCQ24VDC2D |
|
Similar Description - A31BCQ24VDC2D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |