Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH1NBS Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # AH1NBS
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AH1NBS Datasheet(HTML) 1 Page - CIT Relay & Switch

  AH1NBS Datasheet HTML 1Page - CIT Relay & Switch AH1NBS Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citswitch.com
page
6
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
MATERIALS
RoHS COMPLIANT
Actuator
Stainless Steel Black Anodized Aluminum
LED Lens
PC
Threaded Body
Stainless Steel, Black Anodized Aluminum
Nut
Stainless Steel
Terminal Support
PBT
Inner Switch Body
PC
Contacts
Silver Alloy
Terminals
Brass, Tin Plated, Epoxy Sealed
ORDERING INFORMATION
AH
Electrical Ratings
1A @ 24VDC
1A @ 125VAC
0.5A @ 250VAC
Sealing Degree
IP65
Electrical Life
50,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
550 +/- 50gF
Actuator Travel
2.5 +/- .3mm
Dielectric Strength:
2000Vrms min (contact to contact)
2000Vrms min (contact to LED)
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-25
°C to 70°C
-25
°C to 70°C
1. Series:
AH
AH
1
2. Number of Poles:
1 = SPST NO + SPST NC
N
3. Latching Option:
N = Momentary
B
4. Actuator Style:
A = Flush actuator, non-illuminated
B = Flush actuator, ring illuminated
C = Flush actuator, dot illuminated
S
B
5. Switch Finish:
S = Stainless Steel
B = Black
6. First LED Color:
Blank = No LED
R = Red
Y = Yellow
G = Green
B = Blue
W = White
O = Orange
7. Second LED Color:
Blank = No LED
R = Red
Y = Yellow
G = Green
**For Bicolor LED option, White only available in single color
B = Blue
O = Orange
12
8. LED Voltage:
Blank = No LED
6 = 6V
12 = 12V
24 = 24V
N = No internal resistor in series with the LED
110 = 110V
220 = 220V


Similar Part No. - AH1NBS

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
AH1NBSBB12 CIT-AH1NBSBB12 Datasheet
313Kb / 5P
   Illuminated Pushbutton - 19mm
AH1NBSBB6 CIT-AH1NBSBB6 Datasheet
313Kb / 5P
   Illuminated Pushbutton - 19mm
AH1NBSBG12 CIT-AH1NBSBG12 Datasheet
313Kb / 5P
   Illuminated Pushbutton - 19mm
AH1NBSBG6 CIT-AH1NBSBG6 Datasheet
313Kb / 5P
   Illuminated Pushbutton - 19mm
AH1NBSBO12 CIT-AH1NBSBO12 Datasheet
313Kb / 5P
   Illuminated Pushbutton - 19mm
More results

Similar Description - AH1NBS

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com