Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANP11F4B Datasheet(PDF) 5 Page - CIT Relay & Switch

Part # ANP11F4B
Description  CIT SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ANP11F4B Datasheet(HTML) 5 Page - CIT Relay & Switch

  ANP11F4B Datasheet HTML 1Page - CIT Relay & Switch ANP11F4B Datasheet HTML 2Page - CIT Relay & Switch ANP11F4B Datasheet HTML 3Page - CIT Relay & Switch ANP11F4B Datasheet HTML 4Page - CIT Relay & Switch ANP11F4B Datasheet HTML 5Page - CIT Relay & Switch ANP11F4B Datasheet HTML 6Page - CIT Relay & Switch ANP11F4B Datasheet HTML 7Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.citswitch.com
page
175
phone – 763.535.2339 fax – 763.535.2194
ANP
TERMINAL OPTIONS
Terminal
Option
“A”
Dimension
S40-V40
16.00
S40 (V40 – Snap-in Bracket) = PC Pins with Support Bracket (Double Pole)
CONTACT OPTIONS
Designator Contact Material
Terminal Material
Electrical Ratings
Q
Silver Plating
Silver Plating
3A @ 120 VAC, 28VDC; 1A @ 250VAC
R
Gold over Nickel Plating
Gold over Nickel Plating
.4 VA max @ 20VAC or VDC max
G
Gold over Silver Plating
Gold over Silver Plating
.4 VA max @ 20VAC or VDC max or
3A @ 120 VAC, 28VDC; 1A @ 250VAC
CAP OPTIONS
C73_
1 = White, 2 = Black, 3 = Red
Contact Factory for other available colors
C74_
1 = White, 2 = Black, 3 = Red
Contact Factory for other available colors
C75_
1 = White, 2 = Black, 3 = Red
Contact Factory for other available colors
C76_
1 = White, 2 = Black, 3 = Red
Contact Factory for other available colors
C77_
1 = White, 2 = Black, 3 = Red
Contact Factory for other available colors


Similar Part No. - ANP11F4B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ANP-C-115 MACOM-ANP-C-115 Datasheet
105Kb / 2P
   1.9 GHz Patch Antenna for PCN
logo
Anachip Corp
ANP007 ANACHIP-ANP007 Datasheet
238Kb / 11P
   Dual Buck Converter
logo
List of Unclassifed Man...
ANP015 ETC-ANP015 Datasheet
1Mb / 15P
   Application Note AP2011 High Efficiency Synchronous PWM Controller
logo
Tyco Electronics
ANPC-185 MACOM-ANPC-185 Datasheet
162Kb / 1P
   GPS Antenna for Automotive Aftermarket Applications
logo
Harris Corporation
ANPRC-117F HARRIS-ANPRC-117F Datasheet
1Mb / 2P
   Type-1 multiband, multimission radio
More results

Similar Description - ANP11F4B

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com