Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE160A Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # 1.5KE160A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1.5KE160A Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  1.5KE160A Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1.5KE160A Datasheet HTML 2Page - MIC GROUP RECTIFIERS 1.5KE160A Datasheet HTML 3Page - MIC GROUP RECTIFIERS 1.5KE160A Datasheet HTML 4Page - MIC GROUP RECTIFIERS 1.5KE160A Datasheet HTML 5Page - MIC GROUP RECTIFIERS 1.5KE160A Datasheet HTML 6Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1.5KE6.8 THRU 1.5KE440CA(GPP)
Breakdown Voltage
6.8 to 440 Volts
1.5KE6.8J THRU 1.5KE440CAJ(OPEN JUNCTION)
Peak Pulse Power
1500 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted) TABLE1
Breakdown Voltage
V(BR)(Volts) (Note 1)
Device
Type
MIN
MAX
Test
Current
at
IT
(mA)
Stand-off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage at
VWM ID (μA)
Maximum
Peak Pulse
Current
IPPM (Note 2)
(Amps)
Maximum
Clamping
Voltage at
IPPM
VC(Volts)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
1.5KE6.8/J
6.12
7.48
10
5.5
1000
139
10.8
0.057
1.5KE6.8A/J
6.45
7.14
10
5.8
1000
143
10.5
0.057
1.5KE7.5/J
6.75
8.25
10
6.05
500
128
11.7
0.061
1.5KE7.5A/J
7.13
7.88
10
6.4
500
133
11.3
0.061
1.5KE8.2/J
7.38
9.02
10
6.63
200
120
12.5
0.065
1.5KE8.2A/J
7.79
8.61
10
7.02
200
124
12.1
0.065
1.5KE9.1/J
8.19
10
1
7.37
50
109
13.8
0.068
1.5KE9.1A/J
7.65
9.55
1
7.78
50
112
13.4
0.068
1.5KE10/J
9
11
1
8.1
10
100
15
0.073
1.5KE10A/J
9.5
10.5
1
8.55
10
103
14.5
0.073
1.5KE11/J
9.9
12.1
1
8.92
5
92.6
16.2
0.075
1.5KE11A/J
10.5
11.6
1
9.4
5
96.2
15.6
0.075
1.5KE12/J
10.8
13.2
1
9372
5
86.7
17.3
0.076
1.5KE12A/J
11.4
12.6
1
10.2
5
89.8
16.7
0.078
1.5KE13/J
11.7
14.3
1
10.5
5
78.9
19
0.081
1.5KE13A/J
12.4
13.7
1
11.1
5
82.4
18.2
0.081
1.5KE15/J
13.5
16.5
1
12.1
5
68.2
22
0.084
1.5KE15A/J
14.3
15.8
1
12.8
5
70.8
21.2
0.084
1.5KE16/J
14.4
17.6
1
12.9
5
63.8
23.5
0.086
1.5KE16A/J
15.2
16.8
1
13.6
5
66.7
22.5
0.086
1.5KE18/J
16.2
19.8
1
14.5
5
56.6
26.5
0.088
1.5KE18A/J
17.1
18.9
1
15.3
5
59.5
25.2
0.089
1.5KE20/J
18
22
1
16.2
5
51.5
29.1
0.09
1.5KE20A/J
19
21
1
17.1
5
54.2
27.7
0.09
1.5KE22/J
19.8
24.2
1
17.8
5
47
31.9
0.092
1.5KE22A/J
20.9
23.1
1
18.8
5
49
30.6
0.092
1.5KE24/J
21.6
26.4
1
19.4
5
43.2
34.7
0.094
1.5KE24A/J
22.8
25.2
1
20.5
5
45.2
33.2
0.094
1.5KE27/J
24.3
29.7
1
21.8
5
38.4
39.1
0.096
1.5KE27A/J
25.7
28.4
1
23.1
5
40
37.5
0.096
1.5KE30/J
27
33
1
24.3
5
34.5
43.5
0.097
1.5KE30A/J
28.5
31.5
1
25.6
5
36.2
41.4
0.097
1.5KE33/J
29.7
36.3
1
26.8
5
31.4
47.7
0.098
1.5KE33A/J
31.4
34.7
1
28.2
5
32.8
45.7
0.098
1.5KE36/J
32.4
39.6
1
29.1
5
28.8
52
0.099
1.5KE36A/J
34.2
37.8
1
30.8
5
30.1
49.9
0.099
1.5KE39/J
35.1
42.9
1
31.6
5
26.6
56.4
0.1
1.5KE39A/J
37.1
41
1
33.3
5
27.8
53.9
0.1
1.5KE43/J
38.7
47.3
1
34.8
5
24.2
61.9
0.101
1.5KE43A/J
40.9
45.2
1
36.8
5
25.3
59.3
0.101
1.5KE47/J
42.3
51.7
1
38.1
5
22.1
67.8
0.101
1.5KE47A/J
44.7
49.4
1
40.2
5
23.1
64.8
0.101
1.5KE51/J
45.7
56.1
1
41.3
5
20.4
73.5
0.102
1.5KE51A/J
48.5
43.6
1
43.6
5
21.4
70.1
0.102
1.5KE56/J
50.4
61.6
1
45.4
5
18.6
80.5
0.103
1.5KE56A/J
53.2
58.8
1
47.8
5
19.5
77
0.103
1.5KE62/J
55.8
68.8
1
50.2
5
16.9
89
0.104
1.5KE62A/J
58.9
65.1
1
53
5
17.6
85
0.104


Similar Part No. - 1.5KE160A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE160A TRSYS-1.5KE160A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE160A LUGUANG-1.5KE160A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Galaxy Semi-Conductor H...
1.5KE160A BILIN-1.5KE160A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE160A DAESAN-1.5KE160A Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
1.5KE160A DIOTECH-1.5KE160A Datasheet
1Mb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE160A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC5.0A CENTRAL-3SMC5.0A Datasheet
855Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
3SMC5.0CA CENTRAL-3SMC5.0CA Datasheet
887Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC33A CENTRAL-5SMC33A Datasheet
811Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC6.8A CENTRAL-5SMC6.8A Datasheet
886Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0CA CENTRAL-1SMC5.0CA Datasheet
888Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0A CENTRAL-1SMC5.0A Datasheet
889Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
P6KE MDE-P6KE_13 Datasheet
143Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com