Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE300 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # 1.5KE300
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1.5KE300 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  1.5KE300 Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1.5KE300 Datasheet HTML 2Page - MIC GROUP RECTIFIERS 1.5KE300 Datasheet HTML 3Page - MIC GROUP RECTIFIERS 1.5KE300 Datasheet HTML 4Page - MIC GROUP RECTIFIERS 1.5KE300 Datasheet HTML 5Page - MIC GROUP RECTIFIERS 1.5KE300 Datasheet HTML 6Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1.5KE6.8 THRU 1.5KE440CA(GPP)
Breakdown Voltage
6.8 to 440 Volts
1.5KE6.8J THRU 1.5KE440CAJ(OPEN JUNCTION)
Peak Pulse Power
1500 Watts
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass passivated junction or silastic guard junction
(open junction)
1500W peak pulse power capability with a 10/1000μs
Waveform, repetition rate (duty cycle): 0.05%
Excellent clamping capability
Low incremental surge resistance
Fast response time: typically less than 1.0ps from 0 Volts to
V(BR) for unidirectional and 5.0ns for bidirectional types
Devices with V(BR)≥10V, ID are typically less than 1.0μA
High temperature soldering guaranteed:
265℃/10 seconds, 0.375” (9.5mm) lead length,
51bs.(2.3kg) tension
MECHANICAL DATA
Cass: molded plastic body over passivated junction
Terminals: plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color bands denotes positive end (cathode) except for bidirectional
Mounting Position: any
Weight: 0.045 ounces, 1.2 grams
DEVICES FOR BIDRECTIONAL APPLICATIONS
For bidirectional use C or CA suffix for types 1.5KE6.8 thru types 1.5K440 (e.g. 1.5KE6.8C,
1.5KE440CA).Electrical Characteristics apply in both directions.
Suffix A denotes ±5% tolerance device, No suffix A denotes ±10% tolerance device
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Ratings
Symbols
Value
Unit
Peak Pulse power dissipation with a 10/1000μs waveform (NOTE1)
PPPM
Minimum 400
Watts
Peak Pulse current with a 10/1000μs waveform (NOTE1,FIG.1)
IPPM
See Table 1
Amps
Steady Stage Power Dissipation at TL=75℃
Lead lengths 0.375”(9.5mm)(Note2)
PM(AV)
5.0
Watts
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
(JEDEC Method) unidirectional only
IFSM
200.0
Amps
Maximum instantaneous forward voltage at 100.0A for
unidirectional only (NOTE 3)
VF
3.5/5.0
Volts
Operating Junction and Storage Temperature Range
TJ, TSTG
50 to +150
Notes:
1.
Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2
2.
Mounted on copper pads ares of 0.8×0.8”(20×20mm) per Fig 5.
3.
VF=3.5 V for devices of V (BR) ≤200V, and VF=5.0 Volts max. for devices of V(BR)>200v
1.0(25.4)
MIN
MIN
1.0(25.4)
.375(9.5)
.335(8.5)
DIA
.038(0.96)
.042(1.06)
DIA
.220(5.6)
.197(5.0)
Dimensions in inches and (millimeters)
DO-201(DO-27)


Similar Part No. - 1.5KE300

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE300 TRSYS-1.5KE300 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
1.5KE300 SAMYANG-1.5KE300 Datasheet
1Mb / 6P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
1.5KE300 DIOTEC-1.5KE300 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Digitron Semiconductors
1.5KE300 DIGITRON-1.5KE300 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Won-Top Electronics
1.5KE300 WTE-1.5KE300 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE300

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC5.0A CENTRAL-3SMC5.0A Datasheet
855Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
3SMC5.0CA CENTRAL-3SMC5.0CA Datasheet
887Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC33A CENTRAL-5SMC33A Datasheet
811Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC6.8A CENTRAL-5SMC6.8A Datasheet
886Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0CA CENTRAL-1SMC5.0CA Datasheet
888Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0A CENTRAL-1SMC5.0A Datasheet
889Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
P6KE MDE-P6KE_13 Datasheet
143Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com