Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP17J Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # 5KP17J
Description  PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

5KP17J Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  5KP17J Datasheet HTML 1Page - MIC GROUP RECTIFIERS 5KP17J Datasheet HTML 2Page - MIC GROUP RECTIFIERS 5KP17J Datasheet HTML 3Page - MIC GROUP RECTIFIERS 5KP17J Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
5KP5.0 THRU 5KP110CA
Stand-off Voltage
5.0 to 110 Volts
5KP5.0J THRU 5KP110CAJ
Peak Pulse Power
5000 Watts
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass passivated junction or silastic guard junction
(open junction)
5000W peak pulse power
capability with a 10/1000μs Waveform,
repetition rate (duty cycle): 0.05%
Excellent clamping capability
Low incremental surge resistance
Fast response time: typically less
than 1.0ps from 0 Volts to V(BR)
Devices with V(BR)>10V, ID are typically less than 1.0μA
High temperature soldering guaranteed:
265℃/10 seconds, 0.375” (9.5mm) lead length,
51bs.(2.3kg) tension
MECHANICAL DATA
Cass: molded plastic body over passivated junction
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: The Color bands denotes the cathode, which is postitive
with respect to the anode under normal TVS operation
Mounting Position: any
Weight: 0.07 ounces, 2.1 grams
DEVICES FOR BIDRECTIONAL APPLICATIONS
For bidirectional use C or CA suffix for types 5KP5.0 thru 5KP110 (e.g. 5KP7.5CA,
5KP110CA).Electrical Characteristics apply in both directions.
Suffix A denotes ±5% tolerance device, No suffix A denotes ±10% tolerance device
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Ratings
Symbols
Value
Unit
Peak Pulse power dissipation with a 10/1000μs waveform (NOTE1)
PPPM
Minimum5000
Watts
Peak Pulse current with a 10/1000μs waveform (NOTE1)
IPPM
See Table 1
Amps
Steady Stage Power Dissipation at TL=75℃
Lead lengths 0.375”(9.5mm)(Note2)
PM(AV)
8.0
Watts
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
(JEDEC Method)(Note 3)
IFSM
400.0
Amps
Maximum forward voltage at 100.0A (NOTE 3)
VF
3.5
Volts
Operating Junction and Storage Temperature Range
TJ, TSTG
50 to +150
Notes:
1.
Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2
2.
Mounted on copper pads ares of 0.8×0.8”(20×20mm) per Fig 5.
3.
Measured on 8.3ms single half sine-wave or equivalent wave, duty cycle=4 pulses per minute maximum
MIN
1.0(25.4)
.360(9.1)
.340(8.6)
DIA
.344(8.6)
.360(9.1)
Dimensions in inches and (millimeters)
R-6
1.0(25.4)
MIN
.052(1.3)
.048(1.2)
DIA


Similar Part No. - 5KP17J

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP17 SURGE-5KP17 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP17 LUGUANG-5KP17 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Galaxy Semi-Conductor H...
5KP17 BILIN-5KP17 Datasheet
131Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
5KP17 SOCAY-5KP17 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Diotec Semiconductor
5KP17 DIOTEC-5KP17 Datasheet
156Kb / 4P
   Transient Voltage Suppressor Diodes
More results

Similar Description - 5KP17J

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
P6KE6.8 MIC-P6KE6.8 Datasheet
69Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com