Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AST15TE Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # AST15TE
Description  CIT SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AST15TE Datasheet(HTML) 1 Page - CIT Relay & Switch

  AST15TE Datasheet HTML 1Page - CIT Relay & Switch AST15TE Datasheet HTML 2Page - CIT Relay & Switch AST15TE Datasheet HTML 3Page - CIT Relay & Switch AST15TE Datasheet HTML 4Page - CIT Relay & Switch AST15TE Datasheet HTML 5Page - CIT Relay & Switch AST15TE Datasheet HTML 6Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.citswitch.com
page
126
phone – 763.535.2339 fax – 763.535.2194
AST
SPECIFICATIONS
Electrical Ratings
5A @ 120VAC, 28VDC; 2A @ 250VAC
See Contact Options
Electrical Life
30,000 cycles typical
Contact Resistance
< 20 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
RoHS COMPLIANT
Actuator
Brass, Chrome Plated
Housing
4/6 Nylon, Glass Filled, Flame Retardant
Heat Stabilized, UL94V-0
Support Bracket
Steel, Tin Plated
Contacts
Copper Alloy, Silver Plated
Terminals
Copper Alloy, Silver Plated
ORDERING INFORMATION
Series:
AST
AST
1
Number of Poles:
1 = SPDT
2 = DPDT
3 = 3PDT
1
Switch Function:
1 = ON-NONE-ON
2 = ON-NONE-(ON)
3 = ON-OFF-ON
4 = (ON)-OFF-(ON)
5 = ON-OFF-(ON)
6 = ON-ON-ON **Only in DPDT models
T
Actuator:
T = 7.62mm, Std
S = 12.70mm, Std
P1 = 7.62mm, Plastic, Anti-Static
P2 = 12.70mm, Plastic, Anti-Static
N
Bushing:
E = 8.89mm, Threaded ¼-40 UNS-2A
N = 6.10mm, Non-Threaded
H
Terminals:
B = Solder Lug
C = PC Pin
D = Quick Connect
H = Horizontal Mount, Right Angle PC Pin; HS = Snap-in
V = Vertical Mount, Right Angle PC Pin; VS = Snap-in
S20 = PC Pin with Support Bracket; V20 = Snap-in Support Bracket
S25 = PC Pin with Support Bracket; V25 = Snap-in Support Bracket
Q
Contacts:
Q = Silver Plated
R = Gold Plated
G = Gold over Silver Plated
Process Sealed
- E222871


Similar Part No. - AST15TE

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
AST1575BMAQ MSPI-AST1575BMAQ Datasheet
155Kb / 1P
   Sales Outline Drawing
AST1575BMATRQ MSPI-AST1575BMATRQ Datasheet
155Kb / 1P
   Sales Outline Drawing
More results

Similar Description - AST15TE

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com