Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE24J Datasheet(PDF) 5 Page - MIC GROUP RECTIFIERS

Part # 1.5KE24J
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1.5KE24J Datasheet(HTML) 5 Page - MIC GROUP RECTIFIERS

  1.5KE24J Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1.5KE24J Datasheet HTML 2Page - MIC GROUP RECTIFIERS 1.5KE24J Datasheet HTML 3Page - MIC GROUP RECTIFIERS 1.5KE24J Datasheet HTML 4Page - MIC GROUP RECTIFIERS 1.5KE24J Datasheet HTML 5Page - MIC GROUP RECTIFIERS 1.5KE24J Datasheet HTML 6Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1.5KE6.8 THRU 1.5KE440CA(GPP)
Breakdown Voltage
6.8 to 440 Volts
1.5KE6.8J THRU 1.5KE440CAJ(OPEN JUNCTION)
Peak Pulse Power
1500 Watts
RATING AND CHARACTERISTIC CURVES 1.5KE6.8/J THRU 1.5KE440CA/J
100
20
10
2.0
1.0
0.2
0.1
0.5
1
2.0
10
20
50
100
20
10
2.0
1.0
0.2
0.1
0.51
2.0
10
20
50
100
20
10
2.0
1.0
0.2
0.1
0.5
1
2.0
10
50
50
20
10
2.0
1
0.5
0.1
0.2
1.0
2.0
10
20
100
1.5KE7.5C
1.5KE11C
1.5KE15C
1.5KE30C
1.5KE39C
1.5KE75C
1.5KE200C
1.5KE7.5C
1.5KE11C
1.5KE15C
1.5KE30C
1.5KE39C
1.5KE75C
1.5KE200C
WAVEFORM
8×20 IMPULSE
Vc = Vc *V(BR)
(
BR)
Vc = Vc *V
10×100 IMPULSE
WAVEFORM
1.5KE9.1
1.5KE6.8
1.5KE33
1.5KE39
1.5KE75
1.5KE130
1.5KE200
WAVEFORM
10×1000 IMPULSE
Vc = Vc *V(BR)
1.5KE12
1.5KE18
1.5KE9.1
1.5KE6.8
1.5KE33
1.5KE39
1.5KE75
1.5KE100
1.5KE130
1.5KE200
(
BR)
Vc = Vc *V
8×20 IMPULSE
WAVEFORM
PP
I , PEAK PULSE CURRENT, AMPS
PP
I , PEAK PULSE CURRENT, AMPS
PP
I , PEAK PULSE CURRENT, AMPS
I , PEAK PULSE CURRENT, AMPS
PP
FIG.10- INCREMENTAL CLAMPING VOLTAGE CURVE
BIDIRECTIONAL
FIG.9- INCREMENTAL CLAMPING VOLTAGE CURVE
BIDIRECTIONAL
FIG.8- INCREMENTAL CLAMPING VOLTAGE CURVE
UNIDIRECTIONAL
FIG.7- INCREMENTAL CLAMPING VOLTAGE CURVE
UNIDIRECTIONAL


Similar Part No. - 1.5KE24J

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1.5KE24 NJSEMI-1.5KE24 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1.5KE24 TRSYS-1.5KE24 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
1.5KE24 DIOTEC-1.5KE24 Datasheet
151Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5KE24 WTE-1.5KE24 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Pan Jit International I...
1.5KE24 PANJIT-1.5KE24 Datasheet
104Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
November 15,2012-REV.04
More results

Similar Description - 1.5KE24J

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC5.0A CENTRAL-3SMC5.0A Datasheet
855Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
3SMC5.0CA CENTRAL-3SMC5.0CA Datasheet
887Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC33A CENTRAL-5SMC33A Datasheet
811Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
5SMC6.8A CENTRAL-5SMC6.8A Datasheet
886Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0CA CENTRAL-1SMC5.0CA Datasheet
888Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0A CENTRAL-1SMC5.0A Datasheet
889Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
P6KE MDE-P6KE_13 Datasheet
143Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com