Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH1NAN Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # CH1NAN
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CH1NAN Datasheet(HTML) 2 Page - CIT Relay & Switch

  CH1NAN Datasheet HTML 1Page - CIT Relay & Switch CH1NAN Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.citswitch.com
page
5
phone – 763.535.2339 fax – 763.535.2194
DIMENSIONS
A
B
C
D
E
F
LED CHARACTERISTICS
COLORS
LED Ratings
R
Y
G
B
O
W
Units
Reverse Voltage
VR
5
5
5
5
5
5
V
Forward Current (avg)
IF
25
25
30
30
25
30
mA
Forward Current (peak)
IFS
120
120
160
160
120
160
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
10
µA
Power Dissipation
PT
80
80
120
120
80
120
mW
Operating & Storage Temperature
TA
-40~ +85
°C
Forward Voltage (typ.), IF = 20mA
VF
2.1
2.1
3.3
3.3
2.0
3.0
V
Forward Voltage (max.), IF = 20mA
VF
2.4
2.5
3.6
3.6
2.3
3.6
V
Wavelength at Peak Emmission, IF = 20mA
λP
635
592
516
463
606
N/A
nm
Spectral Line Half-Width, IF = 20mA
∆λ
14
12
28
20
12
N/A
nm
Luminous Intensity, IF = 20mA
LI
120
120
170
100
120
700
mcd
Viewing Angle
Θ
145
145
145
145
145
145
Deg
SCHEMATICS & PANEL CUT OUT
SPDT
DPDT
SPDT (Dual LED) DPDT (Dual LED)
Panel Cut Out
CH


Similar Part No. - CH1NAN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH1005C ETC-CH1005C Datasheet
338Kb / 49P
   Digital PC to TV Encoder with Macrovision
logo
JDS Uniphase Corporatio...
CH100GE JDSU-CH100GE Datasheet
621Kb / 2P
   The industry?셲 most compact 100 G test solution
CH100GEINOTU4 JDSU-CH100GEINOTU4 Datasheet
621Kb / 2P
   The industry?셲 most compact 100 G test solution
logo
List of Unclassifed Man...
CH1016026 ETC-CH1016026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CH1016060 ETC-CH1016060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CH1NAN

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com