Electronic Components Datasheet Search |
|
5KP85J Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS |
|
5KP85J Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS |
4 / 4 page PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR E-mail: sales@cnmic.com Web Site: www.cnmic.com 5KP5.0 THRU 5KP110CA Stand-off Voltage 5.0 to 110 Volts 5KP5.0J THRU 5KP110CAJ Peak Pulse Power 5000 Watts RATING AND CHARACTERISTIC CURVES 5KP5.0/J THRU 5KP110A/J 100 10 1 400 100 150 200 250 300 350 NUMBER OF CYCLES AT 60 Hz JEDEC Method 8.3ms Single Half Since-Wave FIG.6 - MAXMIUM NON-REPETITIVE FORWARD SURGE CURRENT L T ,LEAD TEMPERATURE ℃ 25 50 75 100 125 150 175 200 8 6 4 2 0 0 FIG.5- STEADY STATE POWER DERATING CURVE WM STAND-OFF VOLTAGE,V MEASURED at MEASURED at ZERO BIAS Vsig = 50mVp-p f = 1.0MHz TJ=25 ℃ 1 10 100 200 VOLTS ( BR) V ,BREALDOWN VOLTAGE, 100,000 10,000 1000 100 FIG.4- TYPICAL JUNCTION CAPACITANCE t, TIME, ms 0 1.0 2.0 3.0 4.0 150 100 50 0 0 25 50 75 100 125 150 175 200 100 75 50 25 0 T , AMBIENT TEMPERATURE (℃) A FIG.2- PULSE DERATING CURVE 1.0 10 0.1 100 10ms 0.1μs 1.0μs 10μs 100μs 1.0ms FIG.1- PEAK PULSE POWER RATING CURVE d t ,PULSE WIDTH, SEC Non-Repetitive Pulse Waveform TA=25 ℃ Shown in Figure 3 FIG.3- PULSE WAVEFORM 60 Hz Resistive or induction load L = 0.375" (9.5mm) LEAD LENGTHS 0.8×0.8×0.040" ( 20×20mm) COPPER HEAT SINKS td tf=10use Peak Value lppm Half Value-lpp 2 as Defined by R.E.A. 10/1000usec Waveform Pulse Width (td)is Defined as the Point Where the Peak Current Decays to 50% of lpp |
Similar Part No. - 5KP85J |
|
Similar Description - 5KP85J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |