Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AST32TN Datasheet(PDF) 6 Page - CIT Relay & Switch

Part # AST32TN
Description  CIT SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AST32TN Datasheet(HTML) 6 Page - CIT Relay & Switch

  AST32TN Datasheet HTML 1Page - CIT Relay & Switch AST32TN Datasheet HTML 2Page - CIT Relay & Switch AST32TN Datasheet HTML 3Page - CIT Relay & Switch AST32TN Datasheet HTML 4Page - CIT Relay & Switch AST32TN Datasheet HTML 5Page - CIT Relay & Switch AST32TN Datasheet HTML 6Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.citswitch.com
page
131
phone – 763.535.2339 fax – 763.535.2194
AST
TERMINAL OPTIONS
Terminal
Option
“A”
Dimension
S20-V20
11.68
S25-V25
16.00
S20/S25 (V20/V25 – Snap-in Bracket) = PC Pins with Support Bracket (Three Pole)
CONTACT OPTIONS
Designator Contact Material
Terminal Material
Electrical Ratings
Q
Silver Plating
Silver Plating
5A @ 120VAC, 28VDC; 2A @ 250VAC
R
Gold over Nickel Plating
Gold over Nickel Plating
.4 VA max @ 20VAC or VDC max
G
Gold over Silver Plating
Gold over Silver Plating
.4 VA max @ 20VAC or VDC max or
5A @ 120VAC, 28VDC; 2A @ 250VAC
HARDWARE **Two hex nuts, one lock washer, & one locking ring supplied standard with threaded bushings
Hex Nut
Lock Washer
Locking Ring
Dress Nut
Knurled Nut
Knurled Nut
**For use with E Bushing


Similar Part No. - AST32TN

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AST3 ABRACON-AST3 Datasheet
223Kb / 2P
   STRATUM -III SMD VCTCXO
1.14.08
AST3TQ ABRACON-AST3TQ Datasheet
2Mb / 5P
   Standard LVCMOS Output
01.05.2017
AST3TQ-28 ABRACON-AST3TQ-28 Datasheet
2Mb / 5P
   GPS Tracking with Hold-Over accuracy
09.18.14
AST3TQ-50 ABRACON-AST3TQ-50 Datasheet
3Mb / 6P
   Point-to-Point communication networks
04.02.15
AST3TQ-EVAL ABRACON-AST3TQ-EVAL Datasheet
14Mb / 2P
   AST3TQ Evaluation Board
01.23.15
More results

Similar Description - AST32TN

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com