Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASR33R15P Datasheet(PDF) 6 Page - CIT Relay & Switch

Part # ASR33R15P
Description  CIT SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ASR33R15P Datasheet(HTML) 6 Page - CIT Relay & Switch

  ASR33R15P Datasheet HTML 1Page - CIT Relay & Switch ASR33R15P Datasheet HTML 2Page - CIT Relay & Switch ASR33R15P Datasheet HTML 3Page - CIT Relay & Switch ASR33R15P Datasheet HTML 4Page - CIT Relay & Switch ASR33R15P Datasheet HTML 5Page - CIT Relay & Switch ASR33R15P Datasheet HTML 6Page - CIT Relay & Switch ASR33R15P Datasheet HTML 7Page - CIT Relay & Switch ASR33R15P Datasheet HTML 8Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.citswitch.com
page
160
phone – 763.535.2339 fax – 763.535.2194
ASR
TERMINAL OPTIONS
H (HS – Snap-in) = Horizontal Mount, Right Angle PC Pins (Double Pole)
V = Vertical Mount, Right Angle PC Pins (Single Pole)
V = Vertical Mount, Right Angle PC Pins (Double Pole)
V = Vertical Mount, Right Angle PC Pins (Three Pole)


Similar Part No. - ASR33R15P

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASR303.825E ABRACON-ASR303.825E Datasheet
682Kb / 1P
   SMD ONE PORT 303.825 MHz SAW RESONATOR
ASR315E ABRACON-ASR315E Datasheet
629Kb / 1P
   SMD ONE PORT 315.00 MHz SAW RESONATOR
ASR390E ABRACON-ASR390E Datasheet
681Kb / 1P
   SMD ONE PORT 390 MHz SAW RESONATOR
More results

Similar Description - ASR33R15P

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com