Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BNP10VA5R Datasheet(PDF) 4 Page - CIT Relay & Switch

Part # BNP10VA5R
Description  CIT SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

BNP10VA5R Datasheet(HTML) 4 Page - CIT Relay & Switch

  BNP10VA5R Datasheet HTML 1Page - CIT Relay & Switch BNP10VA5R Datasheet HTML 2Page - CIT Relay & Switch BNP10VA5R Datasheet HTML 3Page - CIT Relay & Switch BNP10VA5R Datasheet HTML 4Page - CIT Relay & Switch BNP10VA5R Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.citswitch.com
page
187
phone – 763.535.2339 fax – 763.535.2194
BNP
TERMINAL OPTIONS
A5 (A5S – Snap-in Bracket) = PC Pins with Support Bracket (SPST)
A5 (A5S – Snap-in Bracket) = PC Pins with Support Bracket (SPDT)
CONTACT OPTIONS
Designator Contact Material
Terminal Material
Electrical Ratings
Q
Silver Plating
Silver Plating
3A @ 120VAC, 28VDC; 1A @ 250VAC
R
Gold over Nickel Plating
Gold over Nickel Plating
.4 VA max @ 20VAC or VDC max
G
Gold over Silver Plating
Gold over Silver Plating
.4 VA max @ 20VAC or VDC max or
3A @ 120VAC, 28VDC; 1A @ 250VAC
FRAME OPTIONS
F86_ _ ← (Insert Cap & Frame Colors Here)
Cap Color / Frame Color: 1 = White, 2 = Black, 3 = Red
**Contact factory for other available colors


Similar Part No. - BNP10VA5R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BNP002-02 MURATA-BNP002-02 Datasheet
212Kb / 5P
   BLOCK Type EMIFIL BNP Series Specification
BNP002-02 MURATA-BNP002-02 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
BNP002-03 MURATA-BNP002-03 Datasheet
212Kb / 5P
   BLOCK Type EMIFIL BNP Series Specification
BNP002-04 MURATA-BNP002-04 Datasheet
212Kb / 5P
   BLOCK Type EMIFIL BNP Series Specification
More results

Similar Description - BNP10VA5R

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com