Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTLWR2 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # BTLWR2
Description  CIT SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

BTLWR2 Datasheet(HTML) 1 Page - CIT Relay & Switch

  BTLWR2 Datasheet HTML 1Page - CIT Relay & Switch BTLWR2 Datasheet HTML 2Page - CIT Relay & Switch BTLWR2 Datasheet HTML 3Page - CIT Relay & Switch BTLWR2 Datasheet HTML 4Page - CIT Relay & Switch BTLWR2 Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.citswitch.com
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
100mA @ 30VDC
Electrical Life
10,000 cycles typical
Contact Resistance
< 50 m
Ω max initial
Dielectric Strength
500Vrms min
Actuation Force
250+/- 100gF
Travel
Total Travel: 1.5mm
Travel to Lock: 1.0mm
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
RoHS COMPLIANT
Actuator
6/6 Nylon
Frame
6/6 Nylon
Cover
6/6 Nylon
Base
9T Nylon
Caps
PC and PBT
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
LED CHARACTERISTICS
COLORS
LED Ratings
R
Y
G
B
PG
W
Units
Reverse Voltage
VR
5
5
5
5
5
5
V
Forward Current (avg)
IF
30
30
30
30
30
30
mA
Forward Current (peak)
IFS
120
125
125
125
125
125
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
10
µA
Power Dissipation
PT
75
78
75
114
108
114
mW
Operating & Storage Temperature
TA
-40~ +85
°C
Forward Voltage (typ.), IF = 20mA
VF
2.1
2.1
2.0
3.3
3.1
3.3
V
Forward Voltage (max.), IF = 20mA
VF
2.6
2.6
2.5
3.8
3.6
3.8
V
Wavelength at Peak Emmission, IF = 20mA
λP
660
585
572
460
515
N/A
nm
Spectral Line Half-Width, IF = 20mA
∆λ
25
37
20
30
33
N/A
nm
Luminous Intensity, IF = 20mA
LI
50
10
60
120
700
800
mcd
Viewing Angle
Θ
120
120
120
120
120
120
Deg
SCHEMATICS & PC LAYOUT
SINGLE COLOR LED
DUAL COLOR LED
BT


Similar Part No. - BTLWR2

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
BTL-0012SMG MARKIMICROWAVE-BTL-0012SMG Datasheet
299Kb / 4P
   MINIATURE SURFACE-MOUNT BIAS-TEE
BTL-0012SMG-1 MARKIMICROWAVE-BTL-0012SMG-1 Datasheet
299Kb / 4P
   MINIATURE SURFACE-MOUNT BIAS-TEE
BTL-0012SMG-2 MARKIMICROWAVE-BTL-0012SMG-2 Datasheet
299Kb / 4P
   MINIATURE SURFACE-MOUNT BIAS-TEE
BTL-0026SMG MARKIMICROWAVE-BTL-0026SMG Datasheet
314Kb / 4P
   MINIATURE SURFACE-MOUNT BIAS-TEE
BTL-0026SMG-1 MARKIMICROWAVE-BTL-0026SMG-1 Datasheet
314Kb / 4P
   MINIATURE SURFACE-MOUNT BIAS-TEE
More results

Similar Description - BTLWR2

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com