Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGBRR Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # DGBRR
Description  CIT SWITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DGBRR Datasheet(HTML) 1 Page - CIT Relay & Switch

  DGBRR Datasheet HTML 1Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.citswitch.com
page
8
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
100mA @ 30VDC (silver contacts)
.4VA max @ 20VDC or VAC max. (gold contacts)
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
250 +/- 100gF
Actuator Travel
1.8 +/- .3mm
Dielectric Strength
750Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
RoHS COMPLIANT
Actuator
PC
Housing
Nylon
Contacts
Copper Alloy, Silver Plated, or Gold over Nickel Plated
Terminals
Copper Alloy, Silver Plated, or Gold over Nickel Plated
ORDERING INFORMATION
1. Series:
DG
DG
R
2. First LED Color:
R = Red
G = Green
Y = Yellow
B = Blue
W = White **White is not available in Bi-color
Y
3. Second LED Color: **For Bi-color LED Option
X = No Second LED
R = Red
G = Green
Y = Yellow
B = Blue
Q
4. Contact Material:
Q = Silver
R = Gold
DIMENSIONS
SCHEMATIC & PANEL CUTOUT
LED CHARACTERISTICS
Red
Green
Yellow
Blue
White
UNITS
Forward Current
If
30
30
30
30
30
mA
Reverse Voltage
Vr
5.0
5.0
5.0
5.0
5.0
V
Reverse Current
Ir
10
10
10
50
10
uA
Forward Voltage @ 20mA
Vf
1.7-2.6
1.7-2.6
1.7-2.6
2.5-3.5
3.3-3.8
V
Luminous Intensity
IV
100
100
200
160
145
mcd
DG


Similar Description - DGBRR

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com