Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1CYR Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # DS1CYR
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DS1CYR Datasheet(HTML) 1 Page - CIT Relay & Switch

  DS1CYR Datasheet HTML 1Page - CIT Relay & Switch DS1CYR Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citswitch.com
page
9
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
200mA @ 36VDC
Electrical Life
20,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
300 +/- 100gF
Actuator Travel
2 +/- .25mm
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
RoHS COMPLIANT
Actuator
PC – Polycarbonate
Housing
6/6 Nylon
Cover
6/6 Nylon
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
DS
DS
A
2. Switch Function:
1 = SPST N.O.
2 = DPST N.O.
2
3. Cap Option:
N = No Cap
C = With Cap
B
4. LED Color:
Blank = No LED
R = Red
G = Green
Y = Yellow
B = Blue
R
5. Second LED Color: **For Bicolor LED option
Blank = No Second LED Color
R = Red
G = Green
Y = Yellow
B = Blue
DIMENSIONS
DS WITHOUT CAP
DS WITH CAP
DS


Similar Part No. - DS1CYR

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
DS1 DIT-DS1 Datasheet
948Kb / 2P
   EMI/EMC FILTER
logo
IXYS Corporation
DS1-12D IXYS-DS1-12D Datasheet
34Kb / 1P
   Rectifier Diode Avalanche Diode
logo
Schurter Inc.
DS1-175-0001 SCHURTER-DS1-175-0001 Datasheet
390Kb / 3P
   Storage Choke, fully potted resign
DS1-175-0001 SCHURTER-DS1-175-0001 Datasheet
242Kb / 3P
   Storage Choke, fully potted resign
DS1-175-0001 SCHURTER-DS1-175-0001_17 Datasheet
242Kb / 3P
   Storage Choke, fully potted resign
More results

Similar Description - DS1CYR

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com