Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR258 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # AR258
Description  BUTTON AUTOMOTIVE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

AR258 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  AR258 Datasheet HTML 1Page - MIC GROUP RECTIFIERS AR258 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUTTON AUTOMOTIVE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 600 Volts
AR2505 THRU AR258
ARS2505 THRU ARS258
CURRENT
25.0 Amperes
FEATURES
Low Leakage
Low forward voltage drop
High current capability
High forward surge current capacity
MECHANICAL DATA
Case: transfer molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Plated slug , solderable per MIL-STD-202
Emethod 208C
Polarity: Color ring denotes cathode end
Mounting Position: any
Weight: 0.064 ounces, 1.82 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60HZ, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
AR2505
ARS2505
AR251
ARS251
AR252
ARS252
AR254
ARS254
AR256
ARS256
AR258
ARS258
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
Volts
Maximum Average Forward Rectified Current,
At Tc=110℃
IO
25.0
Amps
Peak Forward Surge Current
3.3mS single half sine wave superimposed on
Rated load (JEDEC method)
IFSM
400
Amps
Maximum instantaneous Forward Voltage at 80A
VF
1.1
Volts
5.0
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage per element TA=100℃
IR
250
UA
Typical Thermal Resistance
RθJC
1.0
℃/W
Operating and Storage Temperature Range
TJ,TSTG
(-65 to +175)
Polarity and voltage demotion color band
Red
Yellow
Silver
Green
Green
Blue
Notes:
1.
Enough heatsink must be considered in application.
Dimensions in inches and (millimeters)
ARS
AR
.185(4.7)
.165(4.2)
.235(6.0)
.250(6.4)
.225(5.7)DIA
.215(5.5)TYP
.327(8.2)TYP
.346(8.8)DIA
.410(10.4)DIA
.380(9.7)TYP
.215(5.5)TYP
.225(5.7)DIA
.250(6.4)
.235(6.0)
.165(4.2)
.185(4.7)


Similar Part No. - AR258

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
AR258 DAESAN-AR258 Datasheet
269Kb / 2P
   CURRENT 25.0 Amperes VOLTAGE 50 TO 1000 VOLTS
logo
Galaxy Semi-Conductor H...
AR258 BILIN-AR258 Datasheet
207Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
TAITRON Components Inco...
AR258 TAITRON-AR258 Datasheet
129Kb / 4P
   25A Automotive Rectifiers
logo
UNIOHM CORPORATION
AR258 UNIOHM-AR258 Datasheet
156Kb / 2P
   25.0 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
AR258 GWSEMI-AR258 Datasheet
68Kb / 2P
   25.0 AMP SILICON RECTIFIERS
More results

Similar Description - AR258

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
ARL750 MIC-ARL750 Datasheet
37Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
AR3505 MIC-AR3505 Datasheet
38Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
ARL2505 MIC-ARL2505 Datasheet
39Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
FARL2505 MIC-FARL2505 Datasheet
44Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
ARL3505 MIC-ARL3505 Datasheet
40Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
ARL1505 MIC-ARL1505 Datasheet
38Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
AR1505 MIC-AR1505 Datasheet
39Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
JAR7005 MIC-JAR7005 Datasheet
39Kb / 2P
   JUMBO BUTTON AUTOMOTIVE RECTIFIER
JAR8005 MIC-JAR8005 Datasheet
38Kb / 2P
   JUMBO BUTTON AUTOMOTIVE RECTIFIER
JAAR80M MIC-JAAR80M Datasheet
21Kb / 1P
   JUMBO BUTTON AVALANCHE AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com