Electronic Components Datasheet Search |
|
SM45E-18 Datasheet(PDF) 6 Page - Pletronics, Inc. |
|
SM45E-18 Datasheet(HTML) 6 Page - Pletronics, Inc. |
6 / 7 page SM45 Series Miniature SMD Crystal January 2009 www.pletronics.com 425-776-1880 6 260°C Maximum 10 Seconds Maximum 215°C±10°C Approximately 50 Seconds Allowed rate of temperature change Maximum 4°C per second 120 to 160 Seconds 100 150 200 250 175°C±10°C Reflow Cycle (typical for lead free processing) The part may be reflowed 2 times without degradation. Tape and Reel: available for quantities of 1000 per reel Constant Dimensions Table 1 Tape Size D0 D1 Min E1 P0 P2 S1 Min T Max T1 Max 8mm 1.5 +0.1 -0.0 1.0 1.75 + _0.1 4.0 + _0.1 2.0 + _0.05 0.6 0.25 0.1 12mm 1.5 16mm 1.5 2.0 + _0.1 24mm 1.5 Variable Dimensions Table 2 Tape Size B1 Max E2 Min F P1 T2 Max W Max Ao, Bo & Ko 24 mm 18 14.25 7.5 + _0.1 12.0 + _0.1 8 16.3 Note 1 Note 1: Embossed cavity to conform to EIA-481-B Dimensions in mm Not to scale REEL DIMENSIONS A inches 7.0 10.0 13.0 mm 177.8 254.0 330.2 B inches 2.50 4.00 3.75 mm 63.5 101.6 95.3 Tape Width C mm 13.0 +0.5 / -0.2 D mm 24.4 +2.0 -0.0 24.4 +2.0 -0.0 24.4 +2.0 -0.0 24.0 Reel dimensions may vary from the above |
Similar Part No. - SM45E-18 |
|
Similar Description - SM45E-18 |