Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTNRGS2 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # BTNRGS2
Description  CIT SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

BTNRGS2 Datasheet(HTML) 2 Page - CIT Relay & Switch

  BTNRGS2 Datasheet HTML 1Page - CIT Relay & Switch BTNRGS2 Datasheet HTML 2Page - CIT Relay & Switch BTNRGS2 Datasheet HTML 3Page - CIT Relay & Switch BTNRGS2 Datasheet HTML 4Page - CIT Relay & Switch BTNRGS2 Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.citswitch.com
phone – 763.535.2339 fax – 763.535.2194
ORDERING INFORMATION
Series:
BT
BT
2
Switch Function:
N = Momentary
L = Latching
3
LED Colors:
X = No LED
R = Red
Y = Yellow
G = Green
PG = Pure Green
B = Blue
W = White
RY = Red/Yellow dual LED
RG = Red/Green dual LED
RB = Red/Blue dual LED
YG = Yellow/Green dual LED
YB = Yellow/Blue dual LED
GB = Green/Blue dual LED
T
Frame Option:
C = No Frame
R1 = Round frame for use with D & E cap styles
R2 = Round frame for use with F & H cap styles
S1 = Square frame for use with A, B, & G cap styles
S2 = Square frame for use with C cap styles
M
Frame Color:
X = No Frame
K = Black
B
Cap Style:
N = No Cap
A: Available in colors: 1, 1T, 1O, 2O, 3, 3T, 4, 4T, 5, 5T, 7, 7T, 0, MS
B: Available in colors: 2O
C: Available in colors: 1, 1T, 1O, 2O, 3, 3T, 4, 4T, 5, 5T, 7, 7T, 0, MS
D: Available in colors: 1, 1T, 1O, 2O, 3, 3T, 4, 4T, 5, 5T, 7, 7T, 0, MS
E: Available in colors: 2O
F: Available in colors: 1, 1T, 1O, 2O, 3, 3T, 4, 4T, 5, 5T, 7, 7T, 0, MS
G: Available in colors: 1O, 2O, 3T, 4T, 5T, 7T, 0, MS
H: Available in colors: 3T, 4T, 5T, 7T, 0
Q
Cap colors:
X = No cap
1 = White Semi-transparent, 1T = White Transparent, 1O = White Opaque, for use with laser etching
2O = Black, Opaque, for use with laser etching or B & E style caps
3 = Red Semi-transparent, 3T = Red Transparent
4 = Yellow Semi-transparent, 4T = Yellow Transparent
5 = Green Semi-transparent, 5T = Green Transparent
7 = Blue Semi-transparent, 7T = Blue Transparent
0 = Clear Semi-transparent
MS = Misty Silver, Opaque, for use with laser etching
E
Laser Etching Styles: **available with A, C, D, F, G cap styles
Blank = No laser etching style
A
F
B
G
C
H
D
I
E
J
BT


Similar Part No. - BTNRGS2

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
BTN-0040 MARKIMICROWAVE-BTN-0040 Datasheet
524Kb / 4P
   Broadband: 40 kHz to 40 GHz
BTN-0065 MARKIMICROWAVE-BTN-0065 Datasheet
548Kb / 4P
   Broadband: 40 kHz to 65 GHz
BTN1-0018 MARKIMICROWAVE-BTN1-0018 Datasheet
676Kb / 4P
   HIGH POWER BIAS TEE
BTN1-0026 MARKIMICROWAVE-BTN1-0026 Datasheet
736Kb / 5P
   HIGH POWER BIAS TEE
BTN1-0040 MARKIMICROWAVE-BTN1-0040 Datasheet
689Kb / 4P
   HIGH POWER BIAS TEE
More results

Similar Description - BTNRGS2

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com