Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BST24T3N Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # BST24T3N
Description  CIT SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

BST24T3N Datasheet(HTML) 1 Page - CIT Relay & Switch

  BST24T3N Datasheet HTML 1Page - CIT Relay & Switch BST24T3N Datasheet HTML 2Page - CIT Relay & Switch BST24T3N Datasheet HTML 3Page - CIT Relay & Switch BST24T3N Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.citswitch.com
page
136
phone – 763.535.2339 fax – 763.535.2194
BST
SPECIFICATIONS
Electrical Ratings
3A @ 120VAC, 28VDC; 1.5A @ 250VAC
See contact options
Electrical Life
30,000 cycles typical
Contact Resistance
< 20 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
1000Vrms min
Insulation Resistance
> 1,000M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
RoHS COMPLIANT
Actuator
Brass, Chrome Plated
Housing
4/6 Nylon, Glass Filled, Flame Retardant
Heat Stabilized, UL94V-0
Support Bracket
Brass, Tin Plated
Contacts
Copper Alloy + Silver or Gold
Terminals
Copper Alloy + Silver or Gold
ORDERING INFORMATION
Series:
BST
BST
1
Number of Poles:
1 = SPDT
2 = DPDT
3
Switch Function:
1 = ON-NONE-ON
2 = ON-NONE-(ON)
3 = ON-OFF-ON
4 = (ON)-OFF-(ON) ** Only available in SPDT
5 = ON-OFF-(ON) ** Only available in SPDT
T2
Actuator:
T1 = 10.46mm, Std
T2 = 6.10mm, Std
T3 = 8.13mm, Std
T4 = 13.97mm, Std
P1 = 10.16mm, Plastic, Anti-Static
P2 = 6.10mm, Plastic, Anti-Static
N
Bushing:
A = 4.65mm, Non-Threaded ** Only available in SPDT
B = 5.00mm, Non-Threaded ** Only available in SPDT
N = 4.50mm, Non-Threaded ** Only available in DPDT
H
Terminals:
C = PC Pin
H = Horizontal Mount, Right Angle PC Pin; HS = Snap-in
V = Vertical Mount, Right Angle PC Pin; VS = Snap-in
A5 = PC Pin with Support Bracket; A5S = Snap-in Support Bracket
Q
Contacts:
Q = Silver Plated
R = Gold Plated
G = Gold over Silver Plated
Process Sealed
- E222871


Similar Part No. - BST24T3N

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
BST2 FUJITSU-BST2 Datasheet
563Kb / 56P
   2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
Guangdong Youtai Semico...
BST23A052V UMW-BST23A052V Datasheet
411Kb / 5P
   Cellular Handsets and Accessories
BST23A122V UMW-BST23A122V Datasheet
411Kb / 5P
   Cellular Handsets and Accessories
BST23A152V UMW-BST23A152V Datasheet
411Kb / 5P
   Cellular Handsets and Accessories
BST23A242V UMW-BST23A242V Datasheet
411Kb / 5P
   Cellular Handsets and Accessories
More results

Similar Description - BST24T3N

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com