Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J115F31AL12VDCS Datasheet(PDF) 3 Page - CIT Relay & Switch

Part # J115F31AL12VDCS
Description  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J115F31AL12VDCS Datasheet(HTML) 3 Page - CIT Relay & Switch

  J115F31AL12VDCS Datasheet HTML 1Page - CIT Relay & Switch J115F31AL12VDCS Datasheet HTML 2Page - CIT Relay & Switch J115F31AL12VDCS Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
J115F3
Dimensions
Units = mm
Schematics & Panel Layouts
Top Views
1C
1B
1A
Standard Cover
L = Low Profile
** Quick Connect Terminals : Contacts - 6.35 x .81mm (.250” x 0.032”)
Coil - 4.75 x .50mm (.187” x .020”) standard
** Quick Connect Terminals : Contacts - 6.35 x .81mm (.250” x 0.032”)
Coil - 4.75 x .50mm (.187” x .020”) standard


Similar Part No. - J115F31AL12VDCS

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31AL12VDCS.6U CIT-J115F31AL12VDCS.6U Datasheet
171Kb / 3P
   UL F class rated standard
J115F31AL12VDCS.9U CIT-J115F31AL12VDCS.9U Datasheet
171Kb / 3P
   UL F class rated standard
More results

Similar Description - J115F31AL12VDCS

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com