Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM7644DV Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM7644DV
Description  3.3 V CMOS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7644DV Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM7644DV Datasheet HTML 1Page - Pletronics, Inc. SM7644DV Datasheet HTML 2Page - Pletronics, Inc. SM7644DV Datasheet HTML 3Page - Pletronics, Inc. SM7644DV Datasheet HTML 4Page - Pletronics, Inc. SM7644DV Datasheet HTML 5Page - Pletronics, Inc. SM7644DV Datasheet HTML 6Page - Pletronics, Inc. SM7644DV Datasheet HTML 7Page - Pletronics, Inc. SM7644DV Datasheet HTML 8Page - Pletronics, Inc. SM7644DV Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SM76D Series 3.3 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
4
Electrical Specification for 3.30V +
_10% over the specified temperature range
Item
Min
Typ
Max
Unit
Condition
V
OUT High (VOH)2.5
2.7
-
V
V
CC = 2.97V, IOH = +8 mA
V
OUT Low (VOL)-
0.3
0.4
V
V
CC = 2.97V, IOL = -8 mA
Output T
RISE and TFALL
-
0.8
1.5
nS
>130 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
-
1.0
2.0
nS
>110 MHz and < 130 MHz
-
1.2
2.5
nS
>80 MHz and < 110 MHz
-2.0
3.0
nS
< 80 MHz
-
1.2
2.0
nS
>130 MHz
C
LOAD =30 pF
10% to 90% of V
CC
See Load Circuit
-
1.3
2.5
nS
>110 MHz and < 130 MHz
-
1.4
3.0
nS
>80 MHz and < 110 MHz
-2.0
4.0
nS
< 80 MHz
-
2.1
3.5
nS
>110 MHz and < 130 MHz
C
LOAD = 50 pF
10% to 90% of V
CC
See Load Circuit
-
2.1
4.5
nS
>80 MHz and < 110 MHz
-3.0
5.0
nS
< 80 MHz
V
CC Supply Current
(I
CC)
-
30
70
mA
>130 MHz
C
LOAD = 15 pF
-
25
60
mA
>110 MHz and < 130 MHz
-
20
50
mA
>80 MHz and < 110 MHz
-18
40
mA
< 80 MHz
-
40
90
mA
>130 MHz
C
LOAD = 30 pF
-
32
70
mA
>110 MHz and < 130 MHz
-
26
57
mA
>80 MHz and < 110 MHz
-22
45
mA
< 80 MHz
-
44
80
mA
>110 MHz and < 130 MHz
C
LOAD = 50 pF
-
34
65
mA
>80 MHz and < 110 MHz
-29
50
mA
< 80 MHz
Specifications with Pad 1 E/D open circuit


Similar Part No. - SM7644DV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7644D PLETRONICS-SM7644D Datasheet
203Kb / 9P
   5.0 V CMOS Clock Oscillators
SM7644DE PLETRONICS-SM7644DE Datasheet
203Kb / 9P
   5.0 V CMOS Clock Oscillators
SM7644DEW PLETRONICS-SM7644DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7644DEX PLETRONICS-SM7644DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
SM7644DW PLETRONICS-SM7644DW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
More results

Similar Description - SM7644DV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745MEV PLETRONICS-SM7745MEV Datasheet
149Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545TEV PLETRONICS-SM5545TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745DEV PLETRONICS-SM7745DEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745GEV PLETRONICS-SM7745GEV Datasheet
150Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545GEV PLETRONICS-SM5545GEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545MEV PLETRONICS-SM5545MEV Datasheet
145Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7645HEV PLETRONICS-SM7645HEV Datasheet
203Kb / 9P
   3.3 V CMOS Clock Oscillators
SQ3345DESV PLETRONICS-SQ3345DESV Datasheet
135Kb / 7P
   3.3 V CMOS Clock Oscillators
P1145-3SDESV PLETRONICS-P1145-3SDESV Datasheet
81Kb / 7P
   P113SD Series 3.3 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com