Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J1522BF6VDC Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # J1522BF6VDC
Description  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J1522BF6VDC Datasheet(HTML) 2 Page - CIT Relay & Switch

  J1522BF6VDC Datasheet HTML 1Page - CIT Relay & Switch J1522BF6VDC Datasheet HTML 2Page - CIT Relay & Switch J1522BF6VDC Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
J152
General Data
Ordering Information
1. Series
J152
3C
T
12VDC
J152
2. Contact Arrangement
2A, 2B, 2C
3A, 3B, 3C
4A, 4B, 4C
3. Termination
T = Solder lugs / Plug-in
F = Solder lugs / Plug-in with Flange
P = PCB Pins
4. Coil Voltage
6VDC
6VAC
12VDC
12VAC
24VDC
24VAC
36VDC
36VAC
48VDC
48VAC
110VDC
110VAC
120VAC
220VAC
5. Optional LED
Blank = No indicator LED
D = With indicator LED
6. Gold Option
Blank = Standard contacts
G = Gold over standard contacts
7. Push to Test Option
Blank = Without push to test button
T = With push to test button
Electrical Life @ rated load
500K cycles (2 pole), 200K cycles (3 pole), 100K (4 pole) typical
Mechanical Life
20M cycles (2 pole), 10M cycles (3 & 4 pole), typical
Insulation Resistance
100M Ω min. @ 500VDC
Dielectric Strength, Coil to Contact
1500V rms min. @ sea level
Contact to Contact
1500V rms min. @ sea level
Shock Resistance
100m/s2 for 11 ms
Vibration Resistance
1.27mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
-40oC to +85oC
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
32g


Similar Part No. - J1522BF6VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J1522BF110VACDGT CIT-J1522BF110VACDGT Datasheet
170Kb / 3P
   Switching capacity up to 10A
J1522BF110VDCDGT CIT-J1522BF110VDCDGT Datasheet
170Kb / 3P
   Switching capacity up to 10A
J1522BF120VACDGT CIT-J1522BF120VACDGT Datasheet
170Kb / 3P
   Switching capacity up to 10A
J1522BF12VACDGT CIT-J1522BF12VACDGT Datasheet
170Kb / 3P
   Switching capacity up to 10A
J1522BF12VDCDGT CIT-J1522BF12VDCDGT Datasheet
170Kb / 3P
   Switching capacity up to 10A
More results

Similar Description - J1522BF6VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com