Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1145BDY Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # SM1145BDY
Description  CMOS with Enable/ Disable, 3rd Overtone Crystal Used
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM1145BDY Datasheet(HTML) 3 Page - Pletronics, Inc.

  SM1145BDY Datasheet HTML 1Page - Pletronics, Inc. SM1145BDY Datasheet HTML 2Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
SM76H Series 2.5 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
3
Electrical Specification for 2.50V +
_10% over the specified temperature range
Item
Min
Max
Unit
Condition
Frequency Range
0.8
69.9
MHZ
Frequency Accuracy “45"
-50
+50
ppm
For all supply voltages, load changes, aging for
1 year, shock, vibration and temperatures
44"
-25
+25
20"
-20
+20
Output Waveform
CMOS
Output High Level
90
-
%
of V
CC
(See load circuit)
Output Low Level
-
10
%
Output Symmetry
45
55
%
at 50% point of V
CC
(See load circuit)
Jitter
-
0.6
pS RMS
12 KHz to 20 MHZ from the output frequency
-
2.5
pS RMS
10 Hz to 1 MHZ from the output frequency
Enable/Disable Internal Pull-up
50
-
Kohm
to V
CC
V disable
-
30
%
of V
CC applied to pin 1
V enable
70
-
%
Output leakage
V
OUT = VCC
-10
+10
uA
Pin 1 low, device disabled
V
OUT = 0V
-10
+10
uA
Standby Current I
CC
-3
uA
Enable time
-
100
nS
Time for output to reach a logic state
Disable time
-
100
nS
Time for output to reach a high Z state
Start up time
-
3
mS
Time for output to reach specified frequency
Operating Temperature Range
-10
+70
oC
Standard Temperature Range
-40
+85
oC
Extended Temperature Range
E” Option
Storage Temperature Range
-55
+125
oC


Similar Part No. - SM1145BDY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM1145C ETC1-SM1145C Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM1145CE ETC1-SM1145CE Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM1145CS ETC1-SM1145CS Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM1145CV ETC1-SM1145CV Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
More results

Similar Description - SM1145BDY

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
   2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Nel Frequency Controls,...
HS-A1370 NEL-HS-A1370_10 Datasheet
58Kb / 2P
   CMOS Compatible Enable/Disable
HS-1370 NEL-HS-1370 Datasheet
257Kb / 2P
   CMOS Compatible Enable/Disable
HA-1380 NEL-HA-1380_10 Datasheet
60Kb / 2P
   CMOS Compatible Enable/Disable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com